Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1451CQ48 Fiches technique(PDF) 1 Page - Exar Corporation |
|
ST16C1451CQ48 Fiches technique(HTML) 1 Page - Exar Corporation |
1 / 32 page Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com áç áç áç áç ST16C1450/51 2.97V TO 5.5V UART OCTOBER 2003 REV. 4.2.0 GENERAL DESCRIPTION The ST16C1450, ST16C1451 series (here on denoted as the 145X) is a universal asynchronous receiver and transmitter (UART). The 145X is foot print compatible to the SSI 73M1550 and SSI 73M2550 UART with one byte FIFO and higher operating speed and lower access time. The 145X provides enhanced UART functions with a modem control interface, independent programmable baud rate generators with clock rates to 1.5 Mbps. Onboard status registers provide the user with error indications and operational status. System interrupts and modem control features may be tailored by external software to meet specific user requirements. An internal loop- back capability allows onboard diagnostics. The 145X is available in a 28-pin PLCC/plastic-DIP, 48-pin TQFP packages. The Baud rate generator can be configured for either crystal or external clock input with the exception of the 28 pin 1451 package. An external clock must be provided for the 28 pin 1451 package. Each package type, with the exception of the 28 pin 1450, provides a buffered reset output that can be controlled through user software. The 145X is fabricated in an advanced CMOS process to achieve low drain power and high speed requirements. The ST16C145X is not compatible with the industry standard 16450 and will not work with the standard serial port driver in MS Windows (see pages 15-16 for details). For a MS Windows compatible UART, see the ST16C450. FEATURES • Pin and functionally compatible to SSI 73M1550/ 2550 • 1 byte Transmit FIFO (THR) • 1 byte Receive FIFO with error tags (RHR) • Four levels of prioritized interrupts • Modem Control Signals (CTS#, RTS#, DSR#, DTR#, RI#, CD#) • Programmable character lengths (5, 6, 7, 8) with even, odd or no parity • Crystal or external clock input (except 28 pin ST16C1451, external clock only) • 1.5 Mbps Transmit/Receive operation (24 MHz) with programmable clock control • Power Down Mode (50 uA at 3.3 V, 200 uA at 5 V) • Software controllable reset output • 2.97 to 5.5 Volt operation APPLICATIONS • Battery Operated Electronics • Internet Appliances • Handheld Terminal • Personal Digital Assistants • Cellular Phones DataPort FIGURE 1. BLOCK DIAGRAM XT A L 1/C L K XT A L 2 C rystal O sc/B u ffe r DT R# , RTS # DSR# , CTS #, CD#, R I# Data B u s In te rfac e TH R Baud Rate G e nerato r T ran sm itter UAR T Co nfig ura tio n Regs IO R # RHR R eceive r M o d e m Co ntro l S ign a ls TX RX IN T A2:A 0 D7:D 0 CS# IO W # R ESET RST |
Numéro de pièce similaire - ST16C1451CQ48 |
|
Description similaire - ST16C1451CQ48 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |