Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1451CP28 Fiches technique(PDF) 8 Page - Exar Corporation

No de pièce ST16C1451CP28
Description  2.97V TO 5.5V UART
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1451CP28 Fiches technique(HTML) 8 Page - Exar Corporation

Back Button ST16C1451CP28 Datasheet HTML 4Page - Exar Corporation ST16C1451CP28 Datasheet HTML 5Page - Exar Corporation ST16C1451CP28 Datasheet HTML 6Page - Exar Corporation ST16C1451CP28 Datasheet HTML 7Page - Exar Corporation ST16C1451CP28 Datasheet HTML 8Page - Exar Corporation ST16C1451CP28 Datasheet HTML 9Page - Exar Corporation ST16C1451CP28 Datasheet HTML 10Page - Exar Corporation ST16C1451CP28 Datasheet HTML 11Page - Exar Corporation ST16C1451CP28 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ST16C1450/51
áç
áç
áç
áç
2.97V TO 5.5V UART
REV. 4.2.0
8
2.2
Crystal Oscillator or External Clock
The 145X includes an on-chip oscillator (XTAL1 and XTAL2). The crystal oscillator provides the system clock to
the Baud Rate Generators (BRG) in the UART. XTAL1 is the input to the oscillator or external clock buffer input
with XTAL2 pin being the output. For programming details, see “Section 2.3, Programmable Baud Rate
Generator” on page 8.
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4). Alternatively, an external
clock can be connected to the XTAL1 pin to clock the internal baud rate generator for standard or custom rates.
Typical oscillator connections are shown in Figure 4. For further reading on oscillator circuit please see
application note DAN108 on EXAR’s web site.
2.3
Programmable Baud Rate Generator
The UART has its own Baud Rate Generator (BRG). The BRG divides the input crystal or external clock by a
programmable divisor between 1 and (216 -1) to obtain a 16X sampling clock of the serial data rate. The
sampling clock is used by the transmitter for data bit shifting and receiver for data sampling. The BRG divisor
(DLL and DLM registers) defaults to a random value upon power up or a reset. Therefore, the BRG must be
programmed during initialization to the operating data rate. Programming the Baud Rate Generator Registers
DLM and DLL provides the capability of selecting the operating data rate. Table 1 shows the standard data
rates available with a 14.7456 MHz crystal or external clock at 16X clock rate. When using a non-standard data
rate crystal or external clock, the divisor value can be calculated for DLL/DLM with the following equation.
FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
divisor (decimal) = (XTAL1 clock frequency) / (serial data rate x 16)
C1
22-47pF
C2
22-47pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500K - 1M
XTAL1
XTAL2


Numéro de pièce similaire - ST16C1451CP28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450CJ28 EXAR-ST16C1450CJ28 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450CQ48 EXAR-ST16C1450CQ48 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450IJ28 EXAR-ST16C1450IJ28 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450IQ48 EXAR-ST16C1450IQ48 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
More results

Description similaire - ST16C1451CP28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com