Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1450CJ28 Fiches technique(PDF) 9 Page - Exar Corporation |
|
ST16C1450CJ28 Fiches technique(HTML) 9 Page - Exar Corporation |
9 / 32 page áç áç áç áç ST16C1450/51 REV. 4.2.0 2.97V TO 5.5V UART 9 2.4 Transmitter The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 16 bytes of FIFO which includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal clock. A bit time is 16 clock periods. The transmitter sends the start-bit followed by the number of data bits, inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are reported in the Line Status Register (LSR bit-5 and bit-6). 2.4.1 Transmit Holding Register (THR) - Write Only The transmit holding register is an 8-bit register providing a data interface to the host processor. The host writes transmit data byte to the THR to be converted into a serial data stream including start-bit, data bits, parity-bit and stop-bit(s). The least-significant-bit (Bit-0) becomes first data bit to go out. The THR is the input register to the transmit FIFO of 16 bytes when FIFO operation is enabled by FCR bit-0. Every time a write operation is made to the THR, the FIFO data pointer is automatically bumped to the next sequential data location. 2.4.2 Transmitter Operation The host loads transmit data to THR one character at a time. The THR empty flag (LSR bit-5) is set when the data byte is transferred to TSR. THR flag can generate a transmit empty interrupt (ISR bit-1) when it is enabled by IER bit-1. The TSR flag (LSR bit-6) is set when TSR becomes completely empty. TABLE 1: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK OUTPUT Data Rate DIVISOR FOR 16x Clock (Decimal) DIVISOR FOR 16x Clock (HEX) DLM PROGRAM VALUE (HEX) DLL PROGRAM VALUE (HEX) DATA RATE ERROR (%) 400 2304 900 09 00 0 2400 384 180 01 80 0 4800 192 C0 00 C0 0 9600 96 60 00 60 0 19.2k 48 30 00 30 0 38.4k 24 18 00 18 0 76.8k 12 0C 00 0C 0 153.6k 6 06 00 06 0 230.4k 4 04 00 04 0 460.8k 2 02 00 02 0 921.6k 1 01 00 01 0 |
Numéro de pièce similaire - ST16C1450CJ28 |
|
Description similaire - ST16C1450CJ28 |