Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1450CP28 Fiches technique(PDF) 4 Page - Exar Corporation |
|
ST16C1450CP28 Fiches technique(HTML) 4 Page - Exar Corporation |
4 / 32 page ST16C1450/51 áç áç áç áç 2.97V TO 5.5V UART REV. 4.2.0 4 ORDERING INFORMATION PART NUMBER PACKAGE OPERATING TEMPERATURE RANGE DEVICE STATUS ST16C1450CP28 28-Lead PDIP 0°C to +70°C Discontinued. See the ST16C1450CQ48 for a replacement. ST16C1450CJ28 28-Lead PLCC 0°C to +70°C Active ST16C1450CQ48 48-Lead TQFP 0°C to +70°C Active ST16C1451CP28 28-Lead PDIP 0°C to +70°C Discontinued. See the ST16C1450CQ48 for a replacement. ST16C1451CJ28 28-Lead PLCC 0°C to +70°C Discontinued. See the ST16C1450CQ48 for a replacement. ST16C1451CQ48 48-Lead TQFP 0°C to +70°C Discontinued. See the ST16C1450CQ48 for a replacement. ST16C1450IP28 28-Lead PDIP -40°C to +85°C Discontinued. See the ST16C1450IQ48 for a replacement. ST16C1450IJ28 28-Lead PLCC -40°C to +85°C Active ST16C1450IQ48 48-Lead TQFP -40°C to +85°C Active ST16C1451IP28 28-Lead PDIP -40°C to +85°C Discontinued. See the ST16C1450IQ48 for a replacement. ST16C1451IJ28 28-Lead PLCC -40°C to +85°C Discontinued. See the ST16C1450IQ48 for a replacement. ST16C1451IQ48 48-Lead TQFP -40°C to +85°C Discontinued. See the ST16C1450IQ48 for a replacement. |
Numéro de pièce similaire - ST16C1450CP28 |
|
Description similaire - ST16C1450CP28 |