Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1450CP28 Fiches technique(PDF) 11 Page - Exar Corporation |
|
ST16C1450CP28 Fiches technique(HTML) 11 Page - Exar Corporation |
11 / 32 page áç áç áç áç ST16C1450/51 REV. 4.2.0 2.97V TO 5.5V UART 11 2.6 Special (Enhanced Feature) Mode The 145X supports the standard features of the ST16C450. In addition the 145X supports some enhanced features not available for the ST16C450. These features are enabled by IER bit-5 and include a software controllable (SOFT) reset, power down feature and FIFO monitoring bits. 2.6.1 Soft Reset Soft resets are useful when the user desires the capability of resetting an externally connected device only. MCR bit-2 can be used to initiate a SOFT reset at the RST output pin. This does not reset the 145X (only the RESET input pin can reset the 145X). Soft resets from MCR bit-2 are “ORed” with the RESET input pin. Therefore both reset types will be seen at the RST output pin. 2.6.2 Power Down Mode The power down feature (controlled by MCR bit-7) provides the user with the capability to conserve power when the package is not in actual use without destroying internal register configuration data. This allows quick turnarounds from power down to normal operation. 2.7 Internal Loopback The 145X UART provides an internal loopback capability for system diagnostic purposes. The internal loopback mode is enabled by setting MCR register bit-4 to logic 1. All regular UART functions operate normally. Figure 7 shows how the modem port signals are re-configured. Transmit data from the transmit shift register output is internally routed to the receive shift register input allowing the system to receive the same data that it was sending. The TX pin is held at logic 1 or mark condition while RTS# and DTR# are de-asserted, and CTS#, DSR# CD# and RI# inputs are ignored. Caution: the RX input must be held to a logic 1 during loopback test else upon exiting the loopback test the UART may detect and report a false “break” signal. FIGURE 6. RECEIVER OPERATION IN NON-FIFO MODE Receive Data Shift Register (RSR) Receive Data Byte and Errors RHR Interrupt (ISR bit-2) Receive Data Holding Register (RHR) RXFIFO1 16X Clock Receive Data Characters Data Bit Validation Error Tags in LSR bits 4:2 |
Numéro de pièce similaire - ST16C1450CP28 |
|
Description similaire - ST16C1450CP28 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |