Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAB.T01 Fiches technique(PDF) 3 Page - Taoglas antenna solutions

No de pièce CAB.T01
Description  taoglas cable assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB.T01 Fiches technique(HTML) 3 Page - Taoglas antenna solutions

  CAB.T01 Datasheet HTML 1Page - Taoglas antenna solutions CAB.T01 Datasheet HTML 2Page - Taoglas antenna solutions CAB.T01 Datasheet HTML 3Page - Taoglas antenna solutions CAB.T01 Datasheet HTML 4Page - Taoglas antenna solutions CAB.T01 Datasheet HTML 5Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-12-8-153/B/WY
Page 3 of 5
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
1
Temperature rating:
80°C
2
Voltage Rating:
30V
3
Insulation Resistance:
10MΩ-Km (Min) at 20°C dc
500V(EIA-364-21)
4
Conductor Resistance:
20°C 26 AWG:
148.96 Ω/Km
(Max)
5
Capacitance:
30.8pf/ft
6
Dielectric Strength
AC 500V/1 minute no breakdown
(EIA-364-20)
7
Impedance:
10MHz3GHz
50  5 Ω
8
Standard Attenuation:
100MHz
8.4 dB/100ft
200MHz
12.5 dB/100ft
400MHz
19.0 dB/100ft
900MHz
31.0 dB/100ft
1GHz
34.0 dB/100ft
1.8GHz
49.4 dB/100ft
2.34GHz
53.0 dB/100ft


Numéro de pièce similaire - CAB.T01

FabricantNo de pièceFiches techniqueDescription
logo
Taoglas antenna solutio...
CAB.0101 TAOGLAS-CAB.0101 Datasheet
330Kb / 5P
   rohs compliant
CAB.011 TAOGLAS-CAB.011 Datasheet
371Kb / 6P
   Taoglas Cable Assembly
CAB.0114 TAOGLAS-CAB.0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly
CAB.0121 TAOGLAS-CAB.0121 Datasheet
385Kb / 5P
   rohs compliant
CAB.0130 TAOGLAS-CAB.0130 Datasheet
331Kb / 5P
   rohs compliant
More results

Description similaire - CAB.T01

FabricantNo de pièceFiches techniqueDescription
logo
Taoglas antenna solutio...
CAB.V05 TAOGLAS-CAB.V05 Datasheet
401Kb / 6P
   taoglas cable assembly
CAB.V11 TAOGLAS-CAB.V11 Datasheet
336Kb / 5P
   taoglas cable assembly
CAB.D05 TAOGLAS-CAB.D05 Datasheet
327Kb / 5P
   taoglas cable assembly
CAB.R01 TAOGLAS-CAB.R01 Datasheet
304Kb / 5P
   taoglas cable assembly
CAB.W11 TAOGLAS-CAB.W11 Datasheet
382Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09_18 Datasheet
377Kb / 5P
   Taoglas Cable Assembly
CAB.V11 TAOGLAS-CAB.V11_18 Datasheet
451Kb / 5P
   Taoglas Cable Assembly
CAB.V08 TAOGLAS-CAB.V08_18 Datasheet
383Kb / 5P
   Taoglas Cable Assembly
CAB.V12 TAOGLAS-CAB.V12 Datasheet
338Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09 Datasheet
1Mb / 5P
   taoglas cable assembly
CAB.W10 TAOGLAS-CAB.W10 Datasheet
269Kb / 5P
   taoglas cable assembly
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com