Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-367-057 Fiches technique(PDF) 4 Page - API Technologies Corp

No de pièce 54-367-057
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-057 Fiches technique(HTML) 4 Page - API Technologies Corp

  54-367-057 Datasheet HTML 1Page - API Technologies Corp 54-367-057 Datasheet HTML 2Page - API Technologies Corp 54-367-057 Datasheet HTML 3Page - API Technologies Corp 54-367-057 Datasheet HTML 4Page - API Technologies Corp 54-367-057 Datasheet HTML 5Page - API Technologies Corp 54-367-057 Datasheet HTML 6Page - API Technologies Corp 54-367-057 Datasheet HTML 7Page - API Technologies Corp 54-367-057 Datasheet HTML 8Page - API Technologies Corp 54-367-057 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
9
4
8
10
10
4
4
20
12
20
25
25
10
15
15
29
21
25
30
30
15
21
21
39
31
34
41
41
6
6
25
31
31
52
48
50
56
56
25
25
40
50
50
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Standard Low Profile continued
¦
9050-100-0008
¦
9053-100-0002
SCI-1250-001
SCI-2150-000
SCI-2150-001
¦
51-717-007
¦
51-359-007
9050-100-0011
SCI-2350-000
SCI-2350-001
See Pg.
LP28
for Fig
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
2*
1
1
1
1
2*
1
2
1
1
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
0.750
0.500
0.500
1.000
1.000
0.015
0.012
0.150
0.250
0.250
70
70
64
70
70
38
38
52
70
70
70
70
70
70
70
45
50
60
70
70
100
150
150
150
150
250
250
350
300
300
70
100
100
100
100
200
200
300
300
300
125
125
125
125
125
125
125
125
125
125
DC
AC
MIL
No
Max
L
0.325
0.370
0.450
0.450
0.450
0.325
0.370
0.325
0.450
0.450
(8.255)
(9.398)
(11.430)
(11.430)
(11.430)
(8.255)
(9.398)
(8.255)
(11.430)
(11.430)
In
(mm)
DCR
Max
Ohms
0.005
0.005
0.003
0.003
0.003
0.005
0.005
0.008
0.003
0.003
Thd
Lgth
A
A
B
A
B
A
A
A
A
B
I
Amp
15
15
15
15
15
15
15
15
15
15
85°C
125°C
Rated Voltage
DC
AC
15
15
15
15
15
15
15
15
8
10
6
6
28
28
28
28
28
28
28
28
20
24
19
19
14
10
10
33
33
33
33
33
33
33
33
28
30
25
25
20
16
16
44
44
44
44
44
44
40
40
38
40
36
36
31
6
26
26
60
60
60
60
60
60
40
40
55
40
40
40
40
25
40
40
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Circuit MIL Qualified Low Profile
¦
51-359-021
¦
51-359-024
¦
51-359-051
51-359-105
¦
51-359-044
¦
51-359-055
51-359-081
51-359-086
¦
51-359-053
51-359-082
51-359-083
51-359-088
51-359-084
51-359-050
51-359-085
51-359-090
See Pg.
LP28
for Fig
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
3
1
1
4
1
1
1
1
1
1
1
LB
LB
LB
LT
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
1.400
1.400
1.400
1.400
1.200
1.200
1.400
1.400
0.680
0.700
0.450
0.450
0.250
0.150
0.150
0.150
70
70
70
70
70
70
70
70
70
64
60
60
56
42
52
52
70
70
70
70
70
70
70
70
70
70
70
70
70
60
70
70
80
80
80
100
100
100
50
50
50
50
50
50
50
50
50
70
100
100
150
200
200
200
125
125
125
DC
AC
M15733
M28861
MIL No
38-0004
38-0005
58-0001
58-0004
49-0006
49-0007
1-001
1-011
49-0001
1-003
1-005
1-015
1-007
38-0008
1-009
1-019
Max
L
0.370
0.370
0.545
0.545
0.370
0.450
0.410
0.410
0.319
0.410
0.410
0.410
0.410
0.370
0.410
0.410
(9.398)
(9.398)
(13.843)
(13.843)
(9.398)
(11.43)
(10.414)
(10.414)
(8.103)
(10.414)
(10.414)
(10.414)
(10.414)
(9.398)
(10.414)
(10.414)
In
(mm)
DCR
Max
Ohms
0.008
0.008
0.008
0.008
0.010
0.010
0.008
0.008
0.010
0.008
0.008
0.008
0.008
0.008
0.008
0.008
Thd
Lgth
A
A
A
B
A
A
A
B
A
A
A
B
A
A
A
B
I
Amp
10
10
10
10
15
15
15
15
15
15
15
15
15
15
15
15
(See MIL index on pages CF9-11 for complete
MIL part number listing)
¦
Also available through API’s authorized distributors.
Also available through API’s authorized European distributors/agents.
Threaded
End
Threaded
End
L-C Filter LT
L-C Filter LB
LP29
* Part is resin sealed, this is not a hermetic part.


Numéro de pièce similaire - 54-367-057

FabricantNo de pièceFiches techniqueDescription
logo
Spectrum Microwave, Inc...
54-367-057 SPECTRUM-54-367-057 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Description similaire - 54-367-057

FabricantNo de pièceFiches techniqueDescription
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com