Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-LB71 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-LB71
Description  Red, Green and Blue 4 mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LB71 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LB71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HLMP-LG71,HLMP-LM71, HLMP-LB71
Red, Green and Blue
4 mm Standard Oval LEDs
Data Sheet
CAUTION: InGaN devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Features
• Well defined spatial radiation pattern
• High brightness material
• Available in red, green and blue color.
– Red AlInGaP 626 nm
– Green InGaN 525 nm
– Blue InGaN 470 nm
• Superior resistance to moisture
• Standoff Package
• Tinted and diffused
• Typical viewing angle 40° x 100°
Description
These Precision Optical Performance Oval LEDs are
specifically designed for full color/video and passenger
information signs. The oval shaped radiation pattern
and high luminous intensity ensure that these devices
are excellent for wide field of view outdoor applications
where a wide viewing angle and readability in sunlight
are essential. The package epoxy contains UV inhibitors
to reduce the effects of long term exposure to direct
sunlight.
Applications
• Billboard signs
• Full color signs


Numéro de pièce similaire - HLMP-LB71

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB75 AVAGO-HLMP-LB75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
More results

Description similaire - HLMP-LB71

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com