Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-HM74 Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-HM74
Description  Well defined spatial radiation pattern
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM74 Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM74 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM74 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM74 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM74 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM74 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM74 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM74 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM74 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM74 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Avago Technologies
- 6 -
HLMP-HG74/75, HLMP-HM74/75, HLMP-HB74/75
Data Sheet
AlInGaP Red
AlInGaP Red
Figure 1 Relative Intensity vs. Wavelength
Figure 2 Forward Current vs. Forward Voltage
0
0.2
0.4
0.6
0.8
1
550
600
650
700
WAVELENGTH - nm
0
20
40
60
80
100
01
23
FORWARD VOLTAGE - V
Figure 3 Relative Intensity vs. Forward Current
Figure 4 Maximum Forward Current vs. Ambient Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2040
6080
100
DC FORWARD CURRENT-mA
0
10
20
30
40
50
60
0
2040
6080
100
TA - AMBIENT TEMPERATURE - °C


Numéro de pièce similaire - HLMP-HM74

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HM70-23BDD AVAGO-HLMP-HM70-23BDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HM70-23CDD AVAGO-HLMP-HM70-23CDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HM71 AVAGO-HLMP-HM71 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HM71-23BDD AVAGO-HLMP-HM71-23BDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
More results

Description similaire - HLMP-HM74

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
logo
Taoglas antenna solutio...
OMB.450.B03F21 TAOGLAS-OMB.450.B03F21 Datasheet
882Kb / 12P
   Omni-Directional Radiation Pattern
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com