Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-HL71 Fiches technique(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-HL71
Description  5mm Standard Oval Red and Amber LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HL71 Fiches technique(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HL71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL71 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL71 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL71 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Avago Technologies
- 8 -
HLMP-HG70/71, HLMP-HL70/71
Data Sheet
Avago Color Bin on CIE 1931 Chromaticity Diagram
Avago Color Bin on CIE 1931 Chromaticity
Diagram
Precautions
Lead Forming
The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering on the PC board.
For better control, it is recommended to use the proper
tool to precisely form and cut the leads to applicable
length rather than doing it manually.
If manual lead cutting is necessary, cut the leads after the
soldering process. The solder connection forms a
mechanical ground that prevents mechanical stress due to
lead cutting from traveling into LED package. This is highly
recommended for hand solder operation, as the excess
lead length also acts as small heat sink.
Soldering and Handling
Care must be taken during PCB assembly and soldering
process to prevent damage to the LED component.
The LED component may be effectively hand soldered to
PCB. However, it is only recommended under unavoidable
circumstances, such as rework. The closest manual
soldering distance of the soldering heat source (soldering
iron’s tip) to the body is 1.59 mm. Soldering the LED using
soldering iron tip closer than 1.59 mm might damage
the LED.
ESD precaution must be properly applied on the soldering
station and personnel to prevent ESD damage to the LED
component that is ESD sensitive. Refer to Avago
application note AN 1142 for details. The soldering iron
used should have a grounded tip to ensure that
electrostatic charge is properly grounded.
Recommended soldering condition follows.
Wave soldering parameters must be set and maintained
according to the recommended temperature and dwell
time. The customer is advised to perform a daily check on
the soldering profile to ensure that it always conforms to
the recommended soldering conditions.
NOTE
1.
PCBs with different size and design (component
density) will have different heat mass (heat
capacity). This might cause a change in
temperature experienced by the board if the
same wave soldering setting is used. So, it is
recommended to re-calibrate the soldering
profile again before loading a new type of PCB.
2.
Avago Technologies’ high brightness LEDs use a
high efficiency LED die with single wire bond as
shown on the next page. The customer is advised
to take extra precautions during wave soldering
to ensure that the maximum wave temperature
does not exceed 260 °C and the solder contact
time does not exceed 5 s. Over-stressing the LED
during soldering process might cause premature
failure to the LED due to delamination.
0.280
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
0.550
0.600
0.650
0.700
0.750
0.800
X
1
2
4
6
Amber
Red
Wave Solderinga, b
a.
The above conditions refer to measurement with a thermocouple
mounted at the bottom of PCB.
b.
It is recommended to use only bottom preheaters to reduce thermal
stress experienced by the LED.
Manual Solder
Dipping
Pre-heat temperature 105 °C Max.
Preheat time
60 s Max
Peak temperature
260 °C Max.
260 °C Max.
Dwell time
5 s Max.
5 s Max
1.59 mm


Numéro de pièce similaire - HLMP-HL71

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HL62-TX0DD AVAGO-HLMP-HL62-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HL63-TX0DD AVAGO-HLMP-HL63-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
More results

Description similaire - HLMP-HL71

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
logo
Marktech Corporate
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
logo
Broadcom Corporation.
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com