Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-HG71 Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-HG71
Description  5mm Standard Oval Red and Amber LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HG71 Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HG71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Avago Technologies
- 3 -
HLMP-HG70/71, HLMP-HL70/71
Data Sheet
Device Selection Guide
Device Selection Guide
Part Numbering System
Part Number
Color and Dominant
Wavelength
d (nm)
Typa
a.
Dominant wavelength,

d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Luminous Intensity Iv (mcd)
at 20 mAb,c,d
b.
The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
c.
The optical axis is closely aligned with the package mechanical axis.
d.
Tolerance for each bin limit is ± 15%.
Standoff
Typical Viewing
Angle (°)e
e.
½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
Package
Drawing
Min
Max
HLMP-HG70-VX0DD
Red 626
1150
1990
No
40 × 100
A
HLMP-HL70-XZ0DD
Amber 590
1660
2900
No
A
HLMP-HL71-XZ0DD
Amber 590
1660
2900
Yes
B
Packaging Option
DD: Ammopack
Color Bin Selection
0 : Full Distribution
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Standoff/Non Standoff
70 : Without Standoff
71 : With Standoff
Color
G: Red
L : Amber
Package
H: 5 mm Standard Oval 40° x 100°
HLMP – H x xx – x x x xx


Numéro de pièce similaire - HLMP-HG71

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-HG75 AVAGO-HLMP-HG75 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
More results

Description similaire - HLMP-HG71

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
logo
Marktech Corporate
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
logo
Broadcom Corporation.
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com