Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-ED80 Fiches technique(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-ED80
Description  Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED80 Fiches technique(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-ED80 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Figure 2b. Forward Current vs. Forward Voltage for
Option -xxTxx.
Figure 3. Relative Luminous Intensity vs. Forward
Current.
Figure 4. Maximum Forward Current vs. Ambient
Temperature. Derating Based on TJMAX = 130°C.
Figure 5. Representative Spatial Radiation Pattern for 30° Viewing Angle Lamps.
Radiometric Intensity Bin Limits
(mW/sr at 20 mA)
Bin ID
Min.
Max.
K 
8.5 
10.2
L 
10.2 
12.2
M 
12.2 
14.7
N 
14.7 
17.6
P 
17.6 
21.2
Q 
21.2 
25.4
R 
25.4 
30.5
S 
30.5 
36.5
T 
36.5 
43.9
Notes:
1.  Tolerance for each bin will be ± 15%.
2.  Bin categories are established for classifica-
tion of products. Products may not be avail-
able in all bin categories.
3.  VF bin table only available for those num-
ber with options -xxTxx.
Vf Bin Table[3]
Bin ID
Min.
Max.
VA 
2.0 
2.2
VB 
2.2 
2.4
VC 
2.4 
2.6
Tolerance for each bin limit is ±0.05 V.
0
0
FORWARD VOLTAGE – V
2.5
50
40
30
1.5
2.0
3.0
10
20
1.0
0.5
0
0
IF – DC FORWARD CURRENT – mA
40
2.0
1.5
1.0
0.5
20
50
2.5
10
30
0
0
TA – AMBIENT TEMPERATURE – C
40
80
50
40
30
20
10
20
60
100
R
θJA = 585 C/W
R
θJA = 780 C/W
1.00
0
ANGULAR DISPLACEMENT – DEGREES
0.80
0.60
0.50
0.70
0.20
0.10
0.30
0.40
0.90
-20
-15
-10
0
5
10
15
20
25
-25
-5
0.1
1
10
-40
-20
0
20
40
60
80
100
TJ - JUNCTION TEMPERATURE - ˚C
Figure 6. Relative Light Output vs Junction Temperature


Numéro de pièce similaire - HLMP-ED80

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-ED80 HP-HLMP-ED80 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80-PS000 AVAGO-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
HLMP-ED80-PS000 BOARDCOM-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
108Kb / 1P
   Optical Mouse Sensor
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
More results

Description similaire - HLMP-ED80

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
   Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
MVL-324UYL UOT-MVL-324UYL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED Lamps
MVL-504UOL UOT-MVL-504UOL Datasheet
38Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-WLXX HP-HLMP-WLXX Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-504SO UOT-MVL-504SO Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-504UYL UOT-MVL-504UYL Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com