Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-AG71 Fiches technique(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-AG71
Description  5 mm Mini Oval Red and Amber LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AG71 Fiches technique(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AG71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Figure 1. Relative Intensity vs Wavelength
Figure 2. Forward Current vs Forward Voltage
Figure 3. Relative Intensity vs Forward Current
Figure 4. Maximum Forward Current vs Ambient Temperature
Figure 5. Radiation pattern for RED - Major Axis
Figure 6. Radiation pattern for RED - Minor Axis
0.0
0.2
0.4
0.6
0.8
1.0
500
550
600
650
700
WAVELENGTH - nm
Red
Amber
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
DC FORWARD CURRENT - mA
0
20
40
60
80
100
0
1
2
3
FORWARD VOLTAGE - V
0
10
20
30
40
50
60
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE - C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES


Numéro de pièce similaire - HLMP-AG71

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
HLMP-AG75 AVAGO-HLMP-AG75 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
More results

Description similaire - HLMP-AG71

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com