Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-7601 Fiches technique(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-7601
Description  Isolated line receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7601 Fiches technique(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Electrical Specifications
Over recommended temperature (TA = -40°C to 85°C) unless otherwise specified. (See note 1.)
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input Threshold
ITH
1
2
mA
VCC = 5.5 V, IO ≥ 13 mA,
5
Current
VO = 0.6 V
High Level Output
IOH
3
100
µAV
CC = 5.5 V, VO = 5.5 V
1
Current
VFL = 0.8 V
Low Level Output
VOL
0.35
0.6
V
VCC = 5.5 V, IF = 2 mA,
2, 4,
Voltage
IOL (Sinking) = 13 mA
6
High Level Supply
ICCH
4.75
7
mA
VCC = 5.5 V, IF = 0 mA
Current
Low Level Supply
ICCL
6
10
mA
VCC = 5.5 V, IF = 4 mA
Current
Input Forward
VF
1.2
1.5
1.85
V
IF = 4 mA
3
Voltage
Input Reverse
BVR
3
V
IR = 100 µA
Breakdown Voltage
Input Capacitance
CIN
72
pF
VF = 0, f = 1 MHz
Input Diode
∆V
F/∆TA
-1.6
mV/
°C I
F = 4 mA
3
Temperature
Coefficient
Input-Output
VISO
3750
VRMS
RH
≤ 50%, t = 1 min.
3, 9
Insulation
TA = 25°C
Resistance
RI-O
1012
1013
TA = 25°C
VI-O = 500 V
3
(Input-Output)
1011
TA = 100°C
Capacitance
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 Vdc
3
(Input-Output)
*All typicals at TA = 25°C, VCC = 5 V.


Numéro de pièce similaire - HCPL-7601

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-7601 HP-HCPL-7601 Datasheet
418Kb / 13P
   CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
More results

Description similaire - HCPL-7601

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
   Isolated Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
TLP2631 TOSHIBA-TLP2631 Datasheet
374Kb / 8P
   ISOLATED LINE RECEIVER SIMPLEX/MULTIPLEX DATA TRANSMISSON
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com