Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0454 Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-0454
Description  High CMR, High Speed Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0454 Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0454 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
Description
Symbol
HCPL-0454
HCPL-4504
HCPL-J454
HCNW4504
Unit
OPTION 060
OPTION 060
Installation classification per
DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤150 V rms
for rated mains voltage ≤300 V rms
for rated mains voltage ≤450 V rms
for rated mains voltage ≤600 V rms
for rated mains voltage ≤1000 V rms
I-IV
I-III
I-IV
I-IV
I-III
I-IV
I-IV
I-III
I-III
I-IV
I-IV
I-IV
I-IV
I-III
Climatic Classification
55/100/21
55/100/21
55/100/21
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
2
2
Maximum Working Insulation Voltage
VIORM
560
630
891
1414
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production
Test with tm = 1 sec,
Partial Discharge < 5 pC
VPR
1050
1181
1670
2652
V peak
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and Sample
Test, tm = 60 sec,
Partial Discharge < 5 pC
VPR
840
945
1336
2121
V peak
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 10 sec)
Safety Limiting Values - Maximum
Values Allowed in the Event of a Failure,
also see Thermal Derating curve
VIOTM
4000
6000
6000
8000
V peak
Case Temperature
TS
150
175
175
150
°C
Input Current
IS,INPUT
150
230
400
400
mA
Output Power
PS,OUTPUT
600
600
600
700
mW
Insulation Resistance at TS,
VIO = 500 V
RS
≥109
≥109
≥109
≥109
Ω
*Refer to the optocoupler section of the Designer's Catalog, under regulatory information (IEC/EN/DIN EN 60747-5-2) for a detailed description of
Method a and Method b partial discharge test profiles.
NOTE: These optocouplers are suitable for "safe electrical isolation" only within the safety limit data. Maintenance of the safety data shall be ensured
by means of protective circuits.
NOTE: Insulation Characteristics are per IEC/EN/DIN EN 60747-5-2.
NOTE: Surface mount classification is Class A in accordance with CECC 00802.


Numéro de pièce similaire - HCPL-0454

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-0454 HP-HCPL-0454 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
HCPL-0454 HP-HCPL-0454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
Broadcom Corporation.
HCPL-0454 BOARDCOM-HCPL-0454 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0454-000E AVAGO-HCPL-0454-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-0454-060E AVAGO-HCPL-0454-060E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
More results

Description similaire - HCPL-0454

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com