Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP5332A Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NCP5332A
Description  Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5332A Fiches technique(HTML) 3 Page - ON Semiconductor

  NCP5332A Datasheet HTML 1Page - ON Semiconductor NCP5332A Datasheet HTML 2Page - ON Semiconductor NCP5332A Datasheet HTML 3Page - ON Semiconductor NCP5332A Datasheet HTML 4Page - ON Semiconductor NCP5332A Datasheet HTML 5Page - ON Semiconductor NCP5332A Datasheet HTML 6Page - ON Semiconductor NCP5332A Datasheet HTML 7Page - ON Semiconductor NCP5332A Datasheet HTML 8Page - ON Semiconductor NCP5332A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
NCP5332A
http://onsemi.com
3
Figure 2. Alternate Application Diagram, 5.0 V (with 12 V Bias) to 1.6 V at 45 A, 335 kHz
Recommended Components:
L1: Coiltronics P/N CTX15−14771 or T30−26 core with 3T of #16 AWG
L2: Coiltronics P/N CTX15−14811 or T60−2 with 8T of #16 AWG Bifilar
SIGGND
RLIM2
1.0 k
RLIM1
2.0 k
CREF
0.1
µF
RCSREF
9.1 k
SIGGND
CCSREF
0.01
µF
CSREF
RDRP
3.4 k
CVFBK
470 pF
VFB
CAMP
2.2 nF
CCMP1
2.2 nF
SIGGND
ROSC
39.2 k
CVCC
1.0
µF
+12 V
ENABLE
NCP5332A
COMP
VFB
VDRP
Cs1
CS2
CSREF
PWRGD
VID0
VID1
VID2
VID3
VID4
ILIM
REF
ROSC
VCCL
VCCL1
GL1
GND1
GH1
VCCH1
LGND
SS
VCCL2
GL2
GND2
GH2
VCCH2
CQ1
0.1
µF
Q1
Q2
CQ3
0.1
µF
Q3
Q4
L1 300 nH
+
CINPUT
Electrolytics
L2 400 nH
COUT
Electrolytics
CCER
Ceramics
L3 400 nH
SWNODE1
SWNODE2
CS1
CS2
RCS1
18 k
RCS2
18 k
CCS1
0.01
µF
CCS2
0.01
µF
RVFBK
1.0 k
PWRGD
VID0
VID1
VID2
VID3
VID4
SIGGND
D1
MBRA120LT3
CSS
0.1
µF
SIGGND
SIGGND
CVCCLx
1.0
µF
CVCCHx
1.0
µF
+5.0 V
2.2
VCORE


Numéro de pièce similaire - NCP5332A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
More results

Description similaire - NCP5332A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com