Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4276DY-T1-E3 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI4276DY-T1-E3
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4276DY-T1-E3 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI4276DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4276DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4276DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4276DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4276DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4276DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4276DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4276DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4276DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 67909
S11-0653-Rev. A, 11-Apr-11
www.vishay.com
3
Vishay Siliconix
Si4276DY-T1-E3
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel 1
VDD = 15 V, RL = 2 
ID  7.6 A, VGEN = 10 V, Rg = 1 
Channel 2
VDD = 15 V, RL = 2.7 
ID  5.5 A, VGEN = 10 V, Rg = 1 
Ch 1
8
16
ns
Ch 2
4
8
Rise Time
tr
Ch 1
10
20
Ch 2
8
16
Turn-Off DelayTime
td(off)
Ch 1
20
30
Ch 2
11
20
Fall Time
tf
Ch 1
7
14
Ch 2
7
14
Turn-On Delay Time
td(on)
Channel 1
VDD = 15 V, RL = 2 
ID  7.6 A, VGEN = 4.5 V, Rg = 1 
Channel 2
VDD = 15 V, RL = 2.7 
ID  5.5 A, VGEN = 4.5 V, Rg = 1 
Ch 1
14
21
Ch 2
8
16
Rise Time
tr
Ch 1
11
20
Ch 2
10
20
Turn-Off Delay Time
td(off)
Ch 1
18
27
Ch 2
10
20
Fall Time
tf
Ch 1
7
14
Ch 2
7
14
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode
Current
IS
TC = 25 °C
Ch 1
3
A
Ch 2
2.3
Pulse Diode Forward Currenta
ISM
Ch 1
50
Ch 2
30
Body Diode Voltage
VSD
IS = 7.6 A
Ch 1
0.82
1.2
V
IS = 5.5 A
Ch 2
0.85
1.2
Body Diode Reverse Recovery
Time
trr
Channel 1
IF = 7.7 A, dI/dt = 100 A/µs, TJ = 25 °C
Channel 2
IF = 5.5 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch 1
20
30
ns
Ch 2
13
20
Body Diode Reverse Recovery
Charge
Qrr
Ch 1
12
20
nC
Ch 2
6
12
Reverse Recovery Fall Time
ta
Ch 1
11
ns
Ch 2
7
Reverse Recovery Rise Time
tb
Ch 1
9
Ch 2
6
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)


Numéro de pièce similaire - SI4276DY-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4276DY-T1-GE3 VISHAY-SI4276DY-T1-GE3 Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
More results

Description similaire - SI4276DY-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com