Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-NG05 Fiches technique(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-NG05
Description  High brightness light output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-NG05 Fiches technique(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-NG05 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Figure 3. Relative luminous intensity vs. forward current.
0
0
IDC – DC CURRENT PER LED – mA
10
20
4.0
2.0
1.0
5
15
30
3.0
25
0.5
1.5
2.5
3.5
YELLOW
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
40
20
10
20
60
30
5
15
25
35
AlInGaP
RqJA = 500° C/W
RqJA = 650° C/W
RqJA = 750° C/W
10
30
50
70
90
0
0
IF – DC FORWARD CURRENT – mA
10
20
1.0
0.5
30
1.5
HIGH BRIGHTNESS LAMPS
40
AlInGaP
2.0
Figure 4. Maximum forward DC current vs. ambient temperature.


Numéro de pièce similaire - HLMP-NG05

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-NG07 HP-HLMP-NG07 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
More results

Description similaire - HLMP-NG05

FabricantNo de pièceFiches techniqueDescription
logo
Banner Engineering Corp...
TL50H BANNER-TL50H Datasheet
1Mb / 6P
   TL50H High Brightness Tower Light
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
   GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com