Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-3862 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-3862
Description  High intensity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3862 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3862 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3862 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3862 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3862 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3862 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3862 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3862 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3862 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3862 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
This family of T-13/4 tinted, diffused LED lamps is
widely used in general purpose indicator applications.
Diffusants, tints, and optical design are balanced to yield
superior light output and wide viewing angles. Several
intensity choices are available in each color for increased
design flexibility.
Device Selection Guide
Material/Color Part Number
Luminous Intensity,
Iv (mcd) at 10mA
Min.
Max.
GaP HER
HLMP-3301
6.1
-
HLMP-3301-D00xx
2.4
-
HLMP-3301-F00xx
6.1
-
HLMP-3301-FG0xx
6.1
15.5
HLMP-3762
9.7
-
HLMP-3762-G00xx
9.7
-
GaP Yellow
HLMP-3401
6.5
-
HLMP-3401-E00xx
6.5
-
HLMP-3862
10.3
-
GaP Orange
HLMP-D401
6.1
-
HLMP-D401-EF0xx
3.8
9.7
GaP Green
HLMP-3507
4.7
-
HLMP-3507-D00xx
4.7
-
HLMP-3507-EF0xx
7.6
19.1
HLMP-3962
12.0
-
HLMP-3962-F00xx
12.0
-
Features
• High intensity
• Choice of 4 bright colors
– High Efficiency Red
– Orange
– Yellow
– High Performance Green
• Popular T-13/4 diameter package
• Selected minimum intensities
• Wide viewing angle
• General purpose leads
• Reliable and rugged
• Available on tape and reel
HLMP-3301, HLMP-3401, HLMP-3507, HLMP-3762,
HLMP-3862, HLMP-3962, HLMP-D401
T-13/4 (5 mm) Diffused LED Lamps
Data Sheet


Numéro de pièce similaire - HLMP-3862

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-3862 HP-HLMP-3862 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3862 BOARDCOM-HLMP-3862 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3862-F0000 HP-HLMP-3862-F0000 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3862-F0001 HP-HLMP-3862-F0001 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3862-F0002 HP-HLMP-3862-F0002 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results

Description similaire - HLMP-3862

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com