Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-C115 Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-C115
Description  Very high intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C115 Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-C115 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Example of Wave Soldering Temperature Profile for TH LED
0
10
20
30
40
50
60
70
80
90
100
250
200
150
100
50
TIME (SECONDS)
PREHEAT
TURBULENT WAVE
LAMINAR
HOT AIR KNIFE
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin ux
Solder bath temperature:
245°C± 5°C (maximum peak temperature = 250°C)
Dwell time: 1.5 sec – 3.0 sec (maximum = 3sec)
Note: Allow for board to be suciently cooled to
room temperature before exerting mechanical force.
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin ux
Solder bath temperature:
245°C± 5°C (maximum peak temperature = 250°C)
Dwell time: 1.5 sec – 3.0 sec (maximum = 3sec)
Note: Allow for board to be suciently cooled to
room temperature before exerting mechanical force.
Packaging Label:
(i) Avago Mother Label: (Available on packaging box of ammo pack and shipping box)
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN:
(9D)MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID:
DeptID:
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Color Bin
(9D) Date Code: Date Code
STANDARD LABEL LS0002
RoHS Compliant
e3
max temp 250C
(1P) PART #: Part Number
(1T) LOT #: Lot Number
(9D)MFG DATE: Manufacturing Date
C/O: Country of Origin
Customer P/N:
Supplier Code:
QUANTITY: Packing Quantity
CAT: Intensity Bin
BIN: Color Bin
DATECODE: Date Code
RoHS Compliant
e3
max temp 250C
Lamps Baby Label


Numéro de pièce similaire - HLMP-C115

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-C115 HP-HLMP-C115 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-C115-L0000 HP-HLMP-C115-L0000 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
More results

Description similaire - HLMP-C115

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com