Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM211 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce LM211
Description  Voltage comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM211 Fiches technique(HTML) 2 Page - NXP Semiconductors

  LM211 Datasheet HTML 1Page - NXP Semiconductors LM211 Datasheet HTML 2Page - NXP Semiconductors LM211 Datasheet HTML 3Page - NXP Semiconductors LM211 Datasheet HTML 4Page - NXP Semiconductors LM211 Datasheet HTML 5Page - NXP Semiconductors LM211 Datasheet HTML 6Page - NXP Semiconductors LM211 Datasheet HTML 7Page - NXP Semiconductors LM211 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
AU211/LM111/211/311/311B
Voltage comparator
2
2003 Sep 30
DESCRIPTION
The LM111 series are voltage comparators that have input currents
approximately a hundred times lower than devices like the
µA710.
They are designed to operate over a wider range of supply voltages;
from standard
±15 V op amp supplies down to a single 3 V supply.
Their output is compatible with RTL, DTL, and TTL as well as MOS
circuits. Further, they can drive lamps or relays, switching voltages
up to 50 V at currents as high as 50mA.
Both the inputs and the outputs of the LM111 series can be isolated
from system ground, and the output can drive loads referred to
ground, the positive supply, or the negative supply. Offset balancing
and strobe capability are provided and outputs can be wire-ORed.
Although slower than the
µA710 (200 ns response time versus 40 ns),
the devices are also much less prone to spurious oscillations. The
LM111 series has the same pin configuration as the
µA710 series.
FEATURES
Operates from single 3 V supply (LM311B)
Maximum input bias current: 150 nA (LM311: 250 nA)
Maximum offset current: 20 nA (LM311: 50 nA)
Differential input voltage range: ±30 V
Power consumption: 135 mW at ±15 V
High sensitivity: 200 V/mV
Zero crossing detector
PIN CONFIGURATION
1
2
3
45
6
7
8
D, N Packages
GND
INPUT
INPUT
V–
V+
OUTPUT
BAL/STROBE
BALANCE
+
SL00062
Figure 1. Pin Configuration
APPLICATIONS
Precision squarer
Positive/negative peak detector
Low voltage adjustable reference supply
Switching power amplifier
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline Package (SO)
–40
°C to +125 °C
AU211D
SOT96-1
8-Pin Plastic Small Outline Package (SO)
–55
°C to +125 °C
LM111D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
–55
°C to +125 °C
LM111N
SOT97-1
8-Pin Plastic Small Outline Package (SO)
–25
°C to +85 °C
LM211D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
–25
°C to +85 °C
LM211N
SOT97-1
8-Pin Plastic Small Outline Package (SO)
0
°C to +70 °C
LM311D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
LM311N
SOT97-1
8-Pin Plastic Small Outline Package (SO)
0
°C to +70 °C
LM311BD
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
LM311BN
SOT97-1


Numéro de pièce similaire - LM211

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LM211 PHILIPS-LM211 Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
Seoul Semiconductor
LM211 SEOUL-LM211 Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
logo
STMicroelectronics
LM211 STMICROELECTRONICS-LM211 Datasheet
236Kb / 14P
   Voltage comparator with strobe
logo
Texas Instruments
LM211 TI-LM211 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211 TI-LM211 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
More results

Description similaire - LM211

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com