Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-ED80-PS000 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-ED80-PS000
Description  Wireless USB Optical Mouse Designer?셲 Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED80-PS000 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-ED80-PS000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Introduction
This design guide describes the design of a low power
consumption optical mouse using the Texas Instrument
MSP430F1222 microcontroller, the Avago ADNS-3040
optical sensor and a 27 MHz FSK transmitter implemented
with discrete components. The receiver is implemented
with a TI TRF9700 receiver and Cypress CY7C63743 USB
controller. The document discusses the reference design
hardware and the firmware implementation. Included
in Appendix A is the schematic for this reference design
mouse. The software section of this document describes
the architecture of the firmware required to implement
the mouse functions. The MSP430F1222 data sheet is
available on the TI web site at www.ti.com. The ADNS-3040
data sheet is available from the Avago web site at www.
avagotech.com. USB controller data sheet can be found
on the Cypress web site: www.cypress.com
Key reference design objectives:
1. Highlight the low-power benefit of the ADNS-3040
2. Demonstrate multiple RF technologies: 27 MHz and
2.4 GHz
3. Feature a Flash-based development environment to
facilitate rapid firmware changes
Reference Design Overview
The image-based optical mouse sensor takes snap shots
of the surface it is navigating on. It measures changes in
position by comparing the sequential images (frames) and
mathematically determines the direction and magnitude
of movement. The traditional duel-channel optical encoder
generates the quadrature Z-wheel movement signals.
This design guide illustrates the hardware connection of
a LED-based optical mouse with standard configuration;
as well as the firmware management and the handling of
the USB protocols. USB protocol provides a standard way
of reporting mouse movement and button presses to the
PC. The Windows HID driver interprets the USB data and
performs the cursor movements and mouse clicks.
The functional block diagram of the reference design
mouse is shown in Figure 1. The optical sensor detects
the X and Y movements. An optical quadrature encoder
provides the Z-wheel movement. Each of the button
switches is pulled up normally and provides a Ground
when pressed. The MAX1722 boost regulator maintains
the 2.7 V operating voltage for the reference design mouse
from two regular AA Alkaline batteries in parallel.
ADNK-3043-TI27
Wireless USB Optical Mouse Designer’s Kit
Design Guide
This preliminary data is provided to assist you in the evaluation of product(s) currently under development. Until Avago
Technologies releases this product for general sales, Avago Technologies reserves the right to alter prices,
specifications, features, capabilities, functions, release dates, and remove availability of the product(s) at anytime.


Numéro de pièce similaire - HLMP-ED80-PS000

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-ED80-PS000 BOARDCOM-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
More results

Description similaire - HLMP-ED80-PS000

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 AVAGO-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com