Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS34B Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce SS34B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS34B Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS34B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS34B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS34B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS32B--SS310B
Document Number: SMB402AA
www.gmicroelec.com
1
FEATURES
Schottky barrier rectifier
Guarding protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
MECHANICAL DATA
Case: SMB molded plastic body
Polarity: Color band denotes cathode end
Mounting position: ANY
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS32B
SS33B
SS34B
SS345B
SS35B
SS36B
SS38B
SS39B
SS310B
UNITS
Maximum repetitive peak reverse voltage
VRRM
20
30
40
45
50
60
80
90
100
V
Maximum RMS voltage
VRWS
14
21
28
31.5
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
80
90
100
V
Maximum
average
forward
rectified
current at TL=90℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
SS32B
SS33B
SS34B
SS345B
SS35B
SS36B
SS38B
SS39B
SS310B
UNITS
Maximum thermal resistance
R θ JL
17.0
/W
Operating temperature range
TJ
-55----+125
-55----+150
Storage temperature range
TSTG
-55----+150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS32B
SS33B
SS34B
SS345B
SS35B
SS36B
SS38B
SS39B
SS310B
UNITS
Maximum instantaneous forward voltage
at IFM=3.0A
VF
0.50
0.75
0.85
V
Maximum DC reverse current TJ=25℃
at rated DC blocking voltage TJ=125℃
IR
0.5
m A
20
10
5.0
Pb
Lead-free


Numéro de pièce similaire - SS34B

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
SS34B BILIN-SS34B Datasheet
140Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SS34B YANGJIE-SS34B Datasheet
219Kb / 2P
   Schottky Rectifier
logo
TAITRON Components Inco...
SS34B TAITRON-SS34B Datasheet
182Kb / 3P
   3.0A Surface Mount Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SS34B BILIN-SS34B Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
Shenzhen Ping Sheng Ele...
SS34B PFS-SS34B Datasheet
155Kb / 2P
   RATING AND CHARACTERTIC CURVES
More results

Description similaire - SS34B

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com