Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1888JCP Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD1888JCP
Description  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1888JCP Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD1888JCP Datasheet HTML 7Page - Analog Devices AD1888JCP Datasheet HTML 8Page - Analog Devices AD1888JCP Datasheet HTML 9Page - Analog Devices AD1888JCP Datasheet HTML 10Page - Analog Devices AD1888JCP Datasheet HTML 11Page - Analog Devices AD1888JCP Datasheet HTML 12Page - Analog Devices AD1888JCP Datasheet HTML 13Page - Analog Devices AD1888JCP Datasheet HTML 14Page - Analog Devices AD1888JCP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
REV. 0
AD1888
–11–
Table I. Volume Settings for Master and Headphone
Control Bits
Reg. 76h
Master Volume (02h) and Headphone Volume (04h)
Left Channel Volume D[13:8]
Right Channel Volume D[5:0]
MSPLT
*
D15 WRITE
READBACK Function
D7
*
WRITE
READBACK
Function
00
00 0000
00 0000
0 dB Gain
x
00 0000
00 0000
0 dB Gain
00
00 1111
00 1111
–22.5 dB Gain
x
00 1111
00 1111
–22.5 dB Gain
00
01 1111
01 1111
–46.5 dB Gain
x
01 1111
01 1111
–46.5 dB Gain
00
1x xxxx
01 1111
–46.5 dB Gain
x
1x xxxx
01 1111
–46.5 dB Gain
01
xx xxxx
xx xxxx
dB Gain, Muted
x
xx xxxx
xx xxxx
dB Gain, Muted
10
1x xxxx
01 1111
–46.5 dB Gain
1
xx xxxx
xx xxxx
dB Gain, only
Right Muted
11
xx xxxx
xx xxxx
dB Gain, Left only Muted
0
xx xxxx
xx xxxx
–46.5 dB Gain
11
xx xxxx
xx xxxx
dB Gain, Left Muted
1
xx xxxx
xx xxxx
dB Gain, Right
Muted
*For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, Bit D7 has no effect.
x in the above table is “don’t care.”
Mono Volume Register (Index 06h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
*
D4
D3
D2
D1
D0
Default
06h
Mono Volume
MVM
X
X
X
X
X
X
X
X
X
MV5
MV4
MV3
MV2
MV1
MV0
8000h
*Refer to Table II for examples. This register controls the Mono output volume and mute bit. The volume register contains five bits, generating 32 volume levels with
31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility, whenever the D5 bit is set to 1, their respective lower five volume
bits are automatically set to 1 by the codec logic. On readback, all lower five bits will read 1s whenever this bit is set to 1. All registers not shown and bits containing
an X are assumed to be reserved.
MV[5:0]
Mono Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a
maximum attenuation of 46.5 dB.
MVM
Mono Volume Mute. When this bit is set to 1, the channel is muted.
Table II. Volume Settings for Mono
Control Bits D[4:0] for Mono (06h)
D15
WRITE
READBACK
Function
00 0000
0 0000
0 dB Gain
00 1111
0 1111
–22.5 dB Gain
01 1111
1 1111
–46.5 dB Gain
1x xxxx
x xxxx
– dB Gain, Muted
x in the above table is a wild card and has no effect on the value.
Headphones Volume Register (Index 04h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6 D5
D4
D3
D2
D1
D0
Default
04h
Headphones
HPM
X
LHV5 LHV4 LHV3 LHV2 LHV1 LHV0 HPRM
* X
RHV5 RHV4 RHV3 RHV2
RHV1 RHV0 8000h
Volume
*For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, Bit D7 has no effect.


Numéro de pièce similaire - AD1888JCP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1888JCP AD-AD1888JCP Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JCP-REEL AD-AD1888JCP-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JCPZ AD-AD1888JCPZ Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JCPZ-REEL AD-AD1888JCPZ-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

Description similaire - AD1888JCP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com