Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL-092887 Fiches technique(PDF) 1 Page - Laird Tech Smart Technology

No de pièce TL-092887
Description  UltraLink Commercial Grade Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSTD [Laird Tech Smart Technology]
Site Internet  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TL-092887 Fiches technique(HTML) 1 Page - Laird Tech Smart Technology

  TL-092887 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UltraLink Commercial Grade Cable
TL-092463
TL-092887
HIGH EFFICIENCY COMMERCIAL GRADE CABLE
Laird UltraLink mobile cable is constructed with a solid center conductor for the secure
attachment of crimp-on connectors. Laird Ultralink cable is insulated with a layer of low
loss Teflon® dielectric which withstands the high temperatures encountered in mobile
applications.
In addition Laird applies a layer of easily removed friction bound aluminum foil for 100%
shielding and tinned copper braid with full 95% coverage ensuring good grip to the
connector's outer shell. The Laird Ultralink cable is jacketed in a smooth, tough PVC
jacket and is available in white (TL-092463) or black (TL-092887).
ANT-DS-ULTRALINK-CABLE 0615
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2016 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
www.lairdtech.com
Americas: +1.847 839.6925
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: IAS-AsiaSales@lairdtech.com
PARAMETER
Impedance
50 ± 2.0 ohms
Velocity of propagation
80%
Center conductor
Solid copper, 0.037”± 0.001”
Shield #1
Foil, aluminum/poly tape (adhered to dielectric)
Shield #2
Braid, 90% 36-AWG tin/copper
Outer jacket
White or Black PVC, lead-free
Outer diameter
0.178”± 0.006”
Attenuation dB/100’
12.5 dB @ 900 MHz
23.6 dB @ 2.5 GHz
27.5 dB @ 4.0 GHz
35.0 dB @ 6.0 GHz
Installation temperature
0°C to +65°C
Operating temperature
-20°C to +65°C
SPECIFICATIONS
Outer jacket rating
UL Type CM


Numéro de pièce similaire - TL-092887

FabricantNo de pièceFiches techniqueDescription
logo
Laird Tech Smart Techno...
TL-097010 LSTD-TL-097010 Datasheet
690Kb / 1P
   Plenum Rated Coaxial Cable
More results

Description similaire - TL-092887

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
C2012X7R2E223K125AE TDK-C2012X7R2E223K125AE_16 Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C2012X7R2E682K125AM TDK-C2012X7R2E682K125AM Datasheet
139Kb / 1P
   Commercial Grade ( Open Mode )
C3216X7R2E333K160AM TDK-C3216X7R2E333K160AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C3216X7T2E224M160AE TDK-C3216X7T2E224M160AE Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C3216X7T2J473M160AE TDK-C3216X7T2J473M160AE Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C3225X7R2E104K200AM TDK-C3225X7R2E104K200AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C3225X7R2A105K200AM TDK-C3225X7R2A105K200AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com