Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1101B Fiches technique(PDF) 13 Page - Tripath Technology Inc.

No de pièce TA1101B
Description  Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA1101B Fiches technique(HTML) 13 Page - Tripath Technology Inc.

Back Button TA1101B Datasheet HTML 5Page - Tripath Technology Inc. TA1101B Datasheet HTML 6Page - Tripath Technology Inc. TA1101B Datasheet HTML 7Page - Tripath Technology Inc. TA1101B Datasheet HTML 8Page - Tripath Technology Inc. TA1101B Datasheet HTML 9Page - Tripath Technology Inc. TA1101B Datasheet HTML 10Page - Tripath Technology Inc. TA1101B Datasheet HTML 11Page - Tripath Technology Inc. TA1101B Datasheet HTML 12Page - Tripath Technology Inc. TA1101B Datasheet HTML 13Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TECHNICAL INFORMATION
TA1101B, Rev. 2.2, 08.17.00
13
Package Dimensions
Dimension
Min.
Nom.
Max.
b
0.35
---
0.48
c
0.23
---
0.32
D
15.80
15.90
16.00
D1
12.60
---
13.00
D2
---
---
1.10
E
13.90
14.20
14.50
E1
10.90
11.00
11.10
E2
---
---
2.90
E3
5.80
---
6.20
e
0.80 BSC.
L1
0.25 BSC.
L
0.70
---
1.00
Note: All dimensions are in millimeters.
Tripath, Class T, Combinant Digital, DPP and Digital Power Processing are trademarks of Tripath
Technology Inc. Other trademarks referenced in this document are owned by their respective companies.
Tripath Technology Inc. reserves the right to make changes without further notice to any products herein to
improve reliability, function or design. Tripath does not assume any liability arising out of the application or
use of any product or circuit described herein; neither does it convey any license under its patent rights,
nor the rights of others.
TRIPATH’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE
SUPPORT DEVICES OR SYSTEMS WITOUT THE EXPRESS WRITTEN CONSENT OF THE
PRESIDENT OF TRIPATH TECHNOLOGY INC. As used herein:
1.
Life support devices or systems are devices or systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and whose failure to perform, when properly used in
accordance with instructions for use provided in this labeling, can be reasonably expected to result in
significant injury to the user.
2.
A critical component is any component of a life support device or system whose failure to perform can
be reasonably expected to cause the failure of the life support device or system, or to affect its safety
or effectiveness.
For more information on Tripath products, visit our web site at:
www.tripath.com
TRIPATH TECHNOLOGY, INC.
3900 Freedom Circle
Santa Clara, California 95054
408-567-3000


Numéro de pièce similaire - TA1101B

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1101A TAI-SAW-TA1101A Datasheet
393Kb / 7P
   SAW Filter 1620.75 MHz
logo
Golledge Electronics Lt...
TA1101A GOLLEDGE-TA1101A Datasheet
63Kb / 6P
   SAW Filter 1620.750MHz
More results

Description similaire - TA1101B

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com