Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1101B Fiches technique(PDF) 6 Page - Tripath Technology Inc.

No de pièce TA1101B
Description  Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA1101B Fiches technique(HTML) 6 Page - Tripath Technology Inc.

Back Button TA1101B Datasheet HTML 2Page - Tripath Technology Inc. TA1101B Datasheet HTML 3Page - Tripath Technology Inc. TA1101B Datasheet HTML 4Page - Tripath Technology Inc. TA1101B Datasheet HTML 5Page - Tripath Technology Inc. TA1101B Datasheet HTML 6Page - Tripath Technology Inc. TA1101B Datasheet HTML 7Page - Tripath Technology Inc. TA1101B Datasheet HTML 8Page - Tripath Technology Inc. TA1101B Datasheet HTML 9Page - Tripath Technology Inc. TA1101B Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TECHNICAL INFORMATION
6
TA1101B, Rev. 2.2, 08.17.00
External Components Description (Refer to the Application/Test Circuit)
Components
Description
RI
Inverting Input Resistance to provide AC gain in conjunction with RF. This input is biased at
the BIASCAP voltage (approximately 2.4VDC).
RF
Feedback resistor to set AC gain in conjunction with RI;
)
R
/
R
(
12
A
I
F
V =
. Please refer to the
Amplifier Gain paragraph in the Application Information section.
CI
AC input coupling capacitor which, in conjunction with RI, forms a highpass filter at
)
C
R
2
(
1
f
I
I
C
π
=
RREF
Bias resistor. Locate close to pin 5 and ground at pin 7.
CA
BIASCAP decoupling capacitor. Should be located close to pin 14.
CD
Charge pump input capacitor. This capacitor should be connected directly between pins 1
and 2 and located physically close to the TA1101B.
CP
Charge pump output capacitor that enables efficient high side gate drive for the internal H-
bridges. To maximize performance, this capacitor should be connected directly between
pin 29 (CPUMP) and pin 27 (VDDA). Please observe the polarity shown in the Application/
Test Circuit.
CS
Supply decoupling for the low current power supply pins. For optimum performance, these
components should be located close to the pin and returned to their respective ground as
shown in the Application/Test Circuit.
CSW
Supply decoupling for the high current, high frequency H-Bridge supply pins. These
components must be located as close to the device as possible to minimize supply
overshoot and maximize device reliability. Both the high frequency bypassing (0.1uF) and
bulk capacitor (180uF) should have good high frequency performance including low ESR
and low ESL. Panasonic HFQ or FC capacitors are ideal for the bulk capacitor.
CZ
Zobel Capacitor.
RZ
Zobel resistor, which in conjunction with CZ, terminates the output filter at high frequencies.
The combination of RZ and CZ minimizes peaking of the output filter under both no load
conditions or with real world loads, including loudspeakers which usually exhibit a rising
impedance with frequency.
DO
Schottky diodes that minimize undershoots of the outputs with respect to power ground
during switching transitions. For maximum effectiveness, these diodes must be located
close to the output pins and returned to their respective PGND. Please see
Application/Test Circuit for ground return pin.
LO
Output inductor, which in conjunction with CO, demodulates (filters) the switching waveform
into an audio signal. Forms a second order filter with a cutoff frequency of
)
C
L
2
(
1
f
O
O
C
π
=
and a quality factor of
O
O
O
L
C
L
C
R
Q
=
.
CO
Output capacitor.
CCM
Common Mode Capacitor.


Numéro de pièce similaire - TA1101B

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1101A TAI-SAW-TA1101A Datasheet
393Kb / 7P
   SAW Filter 1620.75 MHz
logo
Golledge Electronics Lt...
TA1101A GOLLEDGE-TA1101A Datasheet
63Kb / 6P
   SAW Filter 1620.750MHz
More results

Description similaire - TA1101B

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com