Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90804 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce MLX90804
Description  Speed regulator for universal motors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MLX90804 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MLX90804 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 11
MLX90804
Speed regulator for universal motors
MLX90804 Speed regulator for universal motors
Page 11
Rev 1.0
30/Jun/00
MLX90804 Physical Characteristics
For the latest version of this document,
Go to our website at:
www.melexis.com
Or for additional information
contact Melexis Direct:
USA
Melexis Inc.
41 Locke Road, Concord, NH 03301
Phone: +1 603 223 2362
Fax: +1 603 223 9614
E-mail: sales_usa@melexis.com
United Kingdom
Silicon Concepts
PCB Lynchborough Road, Hampshire GU30 7SB, United Kingdom
Phone: +44 1428 751 617
Fax: +44 1428 751 603
E-mail: sales_uk@melexis.com
Germany
Am Seestern 8, 40547 Düsseldorf, Germany
Phone: +49 211 5360212
Fax: +49 211 5360250
E-mail: sales_de@melexis.com
France
Melexis France
Tour Arago, 5 rue Bellini, 92806 Puteaux-La-Défense, France.
Phone: +33 1 47 78 11 34
Fax: +33 1 47 78 06 35
E-mail: sales_france@melexis.com
Italy
Dimacred IRL
Via Papa Giovanni XXIII no. 25, 20046 Biassono, Italy
Phone: +39 039 249 4856
Fax: +39 039 491773
E-mail: sales_italy@melexis.com
Japan
Satori Electric Co., LTD
1-14-10 Shiba, Minato-Ku, Tokyo, Japan
Phone: +81 3 3452 7171
Fax: +81 3 3769 2197
E-mail: sales_japan@melexis.com
Taiwan
Beechwood Int’l Taiwan Co.
Room 8, 17F, No. 189, Taipei, Taiwan
Phone: +886 2 2739 3322
Fax: +886 2 2739 3090
E-mail: sales_taiwan@melexis.com
Min
Max
18.67
19.68
18.67
19.68
22.35
23.67
24.89
26.92
31.24
32.51
9.02
10.16
0.20
0.38
2.54
BSC
1.1
5
1.7
7
0.35
0.55
0.39
Min
Dimension
8 Leads
16 Leads
18 Leads
20 Leads
14 Leads
24 Leads
A
6.10
7.11
5.33
MAX
2.93
4.06
7.62
BSC
10.92
Max
A
Notes:
1-All measurements in mm
2-Body dimensions do not include mold
flash or
protrusion - not to exceed
0.15mm


Numéro de pièce similaire - MLX90804

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90804 MELEXIS-MLX90804 Datasheet
192Kb / 9P
   Programming kit
More results

Description similaire - MLX90804

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA1154 STMICROELECTRONICS-TDA1154 Datasheet
66Kb / 6P
   SPEED REGULATOR FOR DC MOTORS
logo
Renesas Technology Corp
CCU2350 RENESAS-CCU2350 Datasheet
468Kb / 12P
   PWM Speed Control for Permanent Excited DC Motors
31-Oct-2019
logo
TEMIC Semiconductors
U2350B TEMIC-U2350B Datasheet
118Kb / 9P
   PWM Speed Control for Permanent Excited DC Motors
logo
Dialog Semiconductor
CCU2350 DIALOG-CCU2350 Datasheet
362Kb / 11P
   PWM Speed Control for Permanent Excited DC Motors
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-1640 TRINAMIC-TMCM-1640 Datasheet
547Kb / 16P
   MODULES FOR BLDC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com