Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC16249UB Fiches technique(PDF) 4 Page - OPTREX CORPORATION

No de pièce DMC16249UB
Description  LCD Module Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTREX [OPTREX CORPORATION]
Site Internet  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMC16249UB Fiches technique(HTML) 4 Page - OPTREX CORPORATION

  DMC16249UB Datasheet HTML 1Page - OPTREX CORPORATION DMC16249UB Datasheet HTML 2Page - OPTREX CORPORATION DMC16249UB Datasheet HTML 3Page - OPTREX CORPORATION DMC16249UB Datasheet HTML 4Page - OPTREX CORPORATION DMC16249UB Datasheet HTML 5Page - OPTREX CORPORATION DMC16249UB Datasheet HTML 6Page - OPTREX CORPORATION DMC16249UB Datasheet HTML 7Page - OPTREX CORPORATION DMC16249UB Datasheet HTML 8Page - OPTREX CORPORATION DMC16249UB Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DMC16249UB*
(BK)
No.98-0151
OPTREX CORPORATION
Page 4/14
OPTREX
2.3.AC Characteristics
VCC=5.0V±10%
Parameter
Symbol
Conditions
Min.
Max.
Units
Enable Cycle Time
tCYC
Fig.1, 2
500
ns
Enable Pulse Width
PWEH
Fig.1, 2
230
ns
Enable Rise/Fall Time
tEr, tEf
Fig.1, 2
20
ns
Address Setup Time
tAS
Fig.1, 2
40
ns
Address Hold Time
tAH
Fig.1, 2
10
ns
Write Data Setup Time
tDSW
Fig.1
80
ns
Write Data Hold Time
tDHW
Fig.1
10
ns
Read Data Delay Time
tDDR
Fig.2
160
ns
Read Data Hold Time
tDHR
Fig.2
5
ns
Fig.1
Write Operation Timing
Fig.2
Read Operation Timing
E
R/W
VIH
VIL
PWEH
VIL
tCYC
tEr
tEf
tDSW
tDHW
tAH
tAS
VIL
RS
DB0~DB7
Valid Data
VIH
VIL
VIH
VIL
VIH
VIL
VIL
VIH
VIL
VIH
VIL
45゚


Numéro de pièce similaire - DMC16249UB

FabricantNo de pièceFiches techniqueDescription
logo
OPTREX CORPORATION
DMC16202NY-LY-AGE OPTREX-DMC16202NY-LY-AGE Datasheet
192Kb / 16P
   LCD Module
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
DMC16205NY-LY OPTREX-DMC16205NY-LY Datasheet
165Kb / 15P
   LCD Module Specification
DMC16207 OPTREX-DMC16207 Datasheet
166Kb / 15P
   LCD Module Specification
DMC16207N-B OPTREX-DMC16207N-B Datasheet
166Kb / 15P
   LCD Module Specification
More results

Description similaire - DMC16249UB

FabricantNo de pièceFiches techniqueDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com