Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4062DY Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4062DY
Description  N-Channel 60 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4062DY Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4062DY Datasheet HTML 1Page - Vishay Siliconix SI4062DY Datasheet HTML 2Page - Vishay Siliconix SI4062DY Datasheet HTML 3Page - Vishay Siliconix SI4062DY Datasheet HTML 4Page - Vishay Siliconix SI4062DY Datasheet HTML 5Page - Vishay Siliconix SI4062DY Datasheet HTML 6Page - Vishay Siliconix SI4062DY Datasheet HTML 7Page - Vishay Siliconix SI4062DY Datasheet HTML 8Page - Vishay Siliconix SI4062DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4062DY
Document Number: 62857
S13-1383-Rev. A, 17-Jun-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
N-Channel 60 V (D-S) MOSFET
FEATURES
•TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
DC/DC Primary Side Switch
Industrial
Synchronous Rectification
Load Switch
DC/DC Converters
DC/AC Inverters
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 80 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
a
Qg (Typ.)
60
0.0042 at VGS = 10 V
32.1
18.8 nC
0.0054 at VGS = 6 V
28.3
0.0069 at VGS = 4.5 V
25
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information:
Si4062DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
32.1
A
TC = 70 °C
25.7
TA = 25 °C
21.5b, c
TA = 70 °C
17b, c
Pulsed Drain Current (t = 100 µs)
IDM
150
Continuous Source-Drain Diode Current
TC = 25 °C
IS
7
TA = 25 °C
3.1b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
25
Avalanche Energy
EAS
31.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
7.8
W
TC = 70 °C
5
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
29
35
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
13
16


Numéro de pièce similaire - SI4062DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4062DY-T1-GE3 VISHAY-SI4062DY-T1-GE3 Datasheet
195Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI4062DY VISHAY-SI4062DY_V01 Datasheet
195Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4062DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com