Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9-305927-1 Fiches technique(PDF) 4 Page - Tyco Electronics

No de pièce 9-305927-1
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

9-305927-1 Fiches technique(HTML) 4 Page - Tyco Electronics

  9-305927-1 Datasheet HTML 1Page - Tyco Electronics 9-305927-1 Datasheet HTML 2Page - Tyco Electronics 9-305927-1 Datasheet HTML 3Page - Tyco Electronics 9-305927-1 Datasheet HTML 4Page - Tyco Electronics 9-305927-1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
411-3236
Hand Crimping Tool 90035-3
Rev A
4 of 5
Tyco Electronics Corporation
Jaw Closure
Configuration
50.8 [2.00]
Min Typ
Suggested Plug Gage Design Wire Barrel Crimp Section
A
B
(NO-GO)
B
(GO)
4A
TOOL
JAWCLOSURE{ DIAMETER A
GAGE ELEMENT{{ DIAMETER B
TOOL
GO
NO-GO
GO
NO-GO
90035-3
2.350 [.0925]
2.477 [.0975]
2.350-2.357
[.0925-.0928]
2.474-2.477
[.0974-.0975]
Suggested Plug Gage Design Insulation Barrel Crimp Section
G (NO-GO)
W (Max)
GO
NO
GO
6.35 [.250] Typ
Jaw Closure
Configuration
G (GO)
F
4B
TOOL
JAWCLOSURE{ DIMENSION F
(Adjustment Pins in Position 1)
GAGE ELEMENT{{ DIMENSION G
DIMENSION
W(Width)
GO
NO-GO
GO
NO-GO
W(Width)
90035-3
0.762 [.0300]
1.27 [.0500]
0.762-0.77
[.0300-.0303]
1.267-1.27
[.0499-.0500]
3.05 [.120]
{ Jaw closure dimensions apply when wire or insulation barrel jaws are bottomed, but not under pressure.
{{ Material: Tool Steel
Figure 4
Figure 5
GO Element Must Pass
Completely Through Jaw Closure
NO-GO Element May Enter
Partially, But Must Not Pass
Completely Through Jaw Closure
Inspection of Wire Barrel Crimp Section
Inspection of Insulation Barrel Crimp Section
Jaws Bottomed But
Not Under Pressure
Insulation Crimp
Adjustment Pins in
Position 1 (Ref)
Wire Barrel
Crimp Section of
Crimping Chamber
Insulation Barrel
Crimp Section of
Crimping Chamber


Numéro de pièce similaire - 9-305927-1

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
9-305927-1 TEC-9-305927-1 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
9-305927-1 TEC-9-305927-1 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
9-305927-1 MACOM-9-305927-1 Datasheet
187Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Description similaire - 9-305927-1

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com