Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP-QFN-8013 Fiches technique(PDF) 6 Page - Ironwood Electronics.

No de pièce SMP-QFN-8013
Description  Low and stable contact resistance for reliable production yield
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-QFN-8013 Fiches technique(HTML) 6 Page - Ironwood Electronics.

  SMP-QFN-8013 Datasheet HTML 1Page - Ironwood Electronics. SMP-QFN-8013 Datasheet HTML 2Page - Ironwood Electronics. SMP-QFN-8013 Datasheet HTML 3Page - Ironwood Electronics. SMP-QFN-8013 Datasheet HTML 4Page - Ironwood Electronics. SMP-QFN-8013 Datasheet HTML 5Page - Ironwood Electronics. SMP-QFN-8013 Datasheet HTML 6Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2
5
3
8
1
6
12
4
7
13
9
10
11
ITEM
NO.
DESCRIPTION
Material
1
Socket Base 10x16mm IC
7075-T6 Aluminum Alloy
2
Compression Screw M6x1
Stainless Steel (18-8)
3
Compression Plate 10x16mm IC
7075-T6 Aluminum Alloy
4
Backing Plate with 4 post and rectangular center pad
7075-T6 Alumium Alloy
5
Socket Lid Swivel 10X16mm IC
7075-T6 Aluminum Alloy
6
Customer's target PCB
FR4 High temp
7
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
8
#0-80 X .375 LG, SOC HD CAP SCREW, ALLOY STL,
BLK OXIDE
Alloy Steel
9
#0-80 Shoulder Screw, 2.29mm thread length
Stainless Steel (303)
10
Customer's IC 9.1x14mm, 0.56/0.8mm pitch QFN48
FR4 High temp
11 SMP Protective layer for 9.1x14mm 0.56/0.8mm QFN48
SMP
12
SMP SM interposer for 9.1x14mm 0.56/0.8mm QFN48
SM elastomer
13
SMP IC Guide for 9.1x14mm IC
Torlon 4203
Rev
Date
Initials Description
A
10/13/15
SH
Original
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt Det
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 10/13/2015
Material: N/A
Finish: N/A
Weight: 14.00
SMP-QFN-8013 Drawing
SCALE: 3:1
SHEET: 6 OF 6
ENG: S. Huang
FILE: SMP-QFN-8013 Dwg
DRAWN BY: S. Huang


Numéro de pièce similaire - SMP-QFN-8013

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SMP-QFN-8010 IRONWOOD-SMP-QFN-8010 Datasheet
777Kb / 9P
   Highly compliant to accommodate wide co-planarity variations
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8012 IRONWOOD-SMP-QFN-8012 Datasheet
265Kb / 4P
   Compression plate distributes forces evenly
SMP-QFN-8015 IRONWOOD-SMP-QFN-8015 Datasheet
359Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
SMP-QFN-8016 IRONWOOD-SMP-QFN-8016 Datasheet
406Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Description similaire - SMP-QFN-8013

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com