Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP-QFN-8010 Fiches technique(PDF) 4 Page - Ironwood Electronics.

No de pièce SMP-QFN-8010
Description  Highly compliant to accommodate wide co-planarity variations
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-QFN-8010 Fiches technique(HTML) 4 Page - Ironwood Electronics.

  SMP-QFN-8010 Datasheet HTML 1Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 2Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 3Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 4Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 5Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 6Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 7Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 8Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
5.15
4.85
5.15
4.85
Pin 1
index area
B
A
1.00
0.80
0.05 max
0.20 REF
0.08 C
C
4x 3.50
32x 0.30
0.18
0.50
0.5
0.3
0.10 M C A B
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible QFN device
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 8/12/2015
Material: N/A
Finish: N/A
Weight: 81.36
C14011 Drawing
SCALE: 10:1
SHEET: 4 OF 9
ENG: E. Smolentseva
FILE: SMP-QFN-8010 Dwg
DRAWN BY: M. Raske


Numéro de pièce similaire - SMP-QFN-8010

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8012 IRONWOOD-SMP-QFN-8012 Datasheet
265Kb / 4P
   Compression plate distributes forces evenly
SMP-QFN-8013 IRONWOOD-SMP-QFN-8013 Datasheet
649Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8015 IRONWOOD-SMP-QFN-8015 Datasheet
359Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
SMP-QFN-8016 IRONWOOD-SMP-QFN-8016 Datasheet
406Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Description similaire - SMP-QFN-8010

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com