Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP-QFN-8010 Fiches technique(PDF) 3 Page - Ironwood Electronics.

No de pièce SMP-QFN-8010
Description  Highly compliant to accommodate wide co-planarity variations
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-QFN-8010 Fiches technique(HTML) 3 Page - Ironwood Electronics.

  SMP-QFN-8010 Datasheet HTML 1Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 2Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 3Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 4Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 5Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 6Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 7Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 8Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
8±0.025 (X4)
8±0.0250 (X2)
32±0.125 socket base outline
8±0.025 (x4)
4X
2.40±0.05 THRU ALL
non plated mounting holes
2.02+0.030
0
THRU ALL
1.75
1.75
34.225±0.125 socket lid outline
32.60±0.125
socket lid outline
8.50±0.125
latch outline
6.35±0.125
latch outline
1.52+0.03
0
THRU ALL
4
4
B
The component keepout area on the top side of the PCB is the area inside the red contour
0.50 typ
3.45
0.28
0.50
4.10
5.80
0.85
DETAIL B
Target PCB Recommendations
Total thickness: 1.5mm min.
Plating: Gold or Solder finish
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 8/12/2015
Material: N/A
Finish: N/A
Weight: 81.36
C14011 Drawing
SCALE: 2.5:1
SHEET: 3 OF 9
ENG: E. Smolentseva
FILE: SMP-QFN-8010 Dwg
DRAWN BY: M. Raske


Numéro de pièce similaire - SMP-QFN-8010

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8012 IRONWOOD-SMP-QFN-8012 Datasheet
265Kb / 4P
   Compression plate distributes forces evenly
SMP-QFN-8013 IRONWOOD-SMP-QFN-8013 Datasheet
649Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8015 IRONWOOD-SMP-QFN-8015 Datasheet
359Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
SMP-QFN-8016 IRONWOOD-SMP-QFN-8016 Datasheet
406Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Description similaire - SMP-QFN-8010

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com