Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM-BGA-9063 Fiches technique(PDF) 2 Page - Ironwood Electronics.

No de pièce SM-BGA-9063
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9063 Fiches technique(HTML) 2 Page - Ironwood Electronics.

  SM-BGA-9063 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9063 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9063 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9063 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9063 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.8500±0.0250 (x2)
non plated alignment hole
1.7000±0.1000 (x4)
non plated mounting hole
0.4200 pad (x225)
20.7250 backing plate size
18.6000 socket size
18.2250
socket
size
1.2500
1.2500
2.5000
2.5000
2.7825
5.3225
8.0500
7.6750
7.8625 (x2)
2.6375
2.2625
11.2000
0.8000
0.8000
A1 corner
* Note: BGA pattern is not symmetrical
with respect to the mounting holes.
BGA array is shifted 0.375mm to the
right of center.
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: same or higher than solder mask
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/04/2015
Material:
Finish:
Weight:
SM-BGA-9063 Drawing
SCALE: 5:1
SHEET: 2 OF 5
ENG: E. Smolentseva
FILE: SM-BGA-9063 Dwg
DRAWN BY: M. Raske


Numéro de pièce similaire - SM-BGA-9063

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SM-BGA-9060 IRONWOOD-SM-BGA-9060 Datasheet
416Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9064 IRONWOOD-SM-BGA-9064 Datasheet
452Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9067 IRONWOOD-SM-BGA-9067 Datasheet
495Kb / 4P
   Minimum real estate required
More results

Description similaire - SM-BGA-9063

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com