Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM-BGA-9057 Fiches technique(PDF) 7 Page - Ironwood Electronics.

No de pièce SM-BGA-9057
Description  Low and stable contact resistance for reliable production yield
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9057 Fiches technique(HTML) 7 Page - Ironwood Electronics.

  SM-BGA-9057 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 5Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 6Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 7Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 8Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
16
17
12
4
2
3
11
1
15
8
9
7
10
6
5
13
14
14
ITEM
NO.
DESCRIPTION
Material
1
Socket Base
7075-T6 Aluminum Alloy
2
Socket lid
7075-T6 Aluminum Alloy
3
Compression Plate
7075-T6 Alumium Alloy
4
Heatsink compression Screw
7075-T6 Alumium Alloy
5
Backing plate
7075-T6 Aluminum Alloy
6
Insulating plate
FR4 Standard
7
Interposer for 43x59mm,
41x57 1mm pitch BGA
Silmat
8
IC guide for 43x59mm device
Torlon 4203
9
Ball Guide
Kapton Polyimide/Cirlex
10
Customer's target PCB
FR4 Standard
11
Customer's device
FR4 Standard
12
Fan 80x25, 40.2CFM 12V
Plastic (UL 94V-0)
13
Screw, M3 x 0.5mm, 22mm
lg, Low Head Cap, SS
14
Dowel Pin, 1/16" x 3/16", SS
Chrome Stainless Steel
15
Low Profile Shoulder Screw,
M3 THRD, 4mm shoulder
dia., 18-8SS
Stainless Steel (18-8)
16
Torquing bracket
Stainless Steel (303)
17
Socket Head Cap Screw,
M4x0.7 , 40mm lg
Alloy Steel
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket assembly
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/22/2014
Material: N/A
Finish: N/A
Weight: 1089.87
SM-BGA-9057 Drawing
SCALE: 1:2.4
SHEET: 7 OF 9
ENG: E. Smolentseva
FILE: SM-BGA-9057 Dwg
DRAWN BY: M. Raske


Numéro de pièce similaire - SM-BGA-9057

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SM-BGA-9050 IRONWOOD-SM-BGA-9050 Datasheet
459Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9051 IRONWOOD-SM-BGA-9051 Datasheet
381Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9052 IRONWOOD-SM-BGA-9052 Datasheet
444Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9053 IRONWOOD-SM-BGA-9053 Datasheet
568Kb / 4P
   Ball guide prevents over compression of elastomer
SM-BGA-9054 IRONWOOD-SM-BGA-9054 Datasheet
371Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

Description similaire - SM-BGA-9057

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com