Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-BGA772A-01 Fiches technique(PDF) 5 Page - Ironwood Electronics.

No de pièce SS-BGA772A-01
Description  Compression plate distributes evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA772A-01 Fiches technique(HTML) 5 Page - Ironwood Electronics.

  SS-BGA772A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA772A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA772A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA772A-01 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA772A-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Status: Released
Drawing: H. Hansen
Scale:
Rev: A
Date: 9/12/05
Modified:
File: SS-BGA772A-01 Dwg
SS-BGA772A-01 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
PAGE 5 of 5
A
50.600mm
[1.992"]
55.23mm [2.174"]
10.50mm [0.413"]
24.00mm [0.945"]
39.00mm [1.535"]
17.68mm [0.696"]
9.19mm [0.362"]
5.18mm [0.204"]
32.79mm [1.291"]


Numéro de pièce similaire - SS-BGA772A-01

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SS-BGA736B-01 IRONWOOD-SS-BGA736B-01 Datasheet
195Kb / 5P
   Compression plate distributes forces evenly
More results

Description similaire - SS-BGA772A-01

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SS-BGA672B-01 IRONWOOD-SS-BGA672B-01 Datasheet
147Kb / 4P
   Compression plate distributes evenly
SS-BGA676C-01 IRONWOOD-SS-BGA676C-01 Datasheet
154Kb / 4P
   Compression plate distributes evenly
SS-LGA376A-01 IRONWOOD-SS-LGA376A-01 Datasheet
200Kb / 5P
   Compression plate distributes evenly
SS-BGA672B-02 IRONWOOD-SS-BGA672B-02 Datasheet
370Kb / 4P
   Compression plate distributes evenly
SS-BGA680C-01 IRONWOOD-SS-BGA680C-01 Datasheet
143Kb / 4P
   Compression plate distributes evenly
CBT-QFN-7001 IRONWOOD-CBT-QFN-7001 Datasheet
350Kb / 5P
   Compression plate distributes evenly
SS-QFN104A-01 IRONWOOD-SS-QFN104A-01 Datasheet
133Kb / 4P
   Compression plate distributes evenly
SS-QFN48J-01 IRONWOOD-SS-QFN48J-01 Datasheet
69Kb / 3P
   Compression plate distributes evenly
SS-BGA63E-01 IRONWOOD-SS-BGA63E-01 Datasheet
115Kb / 5P
   Compression plate distributes evenly
SS-LGA324A-M-01 IRONWOOD-SS-LGA324A-M-01 Datasheet
128Kb / 3P
   Compression plate distributes evenly
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com