Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB43CA42 Fiches technique(PDF) 89 Page - Texas Instruments

No de pièce TSB43CA42
Description  TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB43CA42 Fiches technique(HTML) 89 Page - Texas Instruments

Back Button TSB43CA42 Datasheet HTML 85Page - Texas Instruments TSB43CA42 Datasheet HTML 86Page - Texas Instruments TSB43CA42 Datasheet HTML 87Page - Texas Instruments TSB43CA42 Datasheet HTML 88Page - Texas Instruments TSB43CA42 Datasheet HTML 89Page - Texas Instruments TSB43CA42 Datasheet HTML 90Page - Texas Instruments TSB43CA42 Datasheet HTML 91Page - Texas Instruments TSB43CA42 Datasheet HTML 92Page - Texas Instruments TSB43CA42 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
TSB43Cx43A/
TI iceLynx-Micro™ IEEE 1394a-2000
TSB43CA42
Consumer Electronics Solution
TEXAS INSTRUMENTS
SLLS546F – March 2004 – Revised September 2004
PRODUCTION DATA information is current as of public
date. Products conform to specifications per the terms of
Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
TEXAS
INSTRUMENTS
Copyright
 2004, Texas Instruments Incorporated
MARCH 12, 2004
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
89
2.4
Register Access
The IntCPUCfg.CFRLock bit is included to lock the ex-CPU from all DTCP related registers. When this bit
is set to 1, the ex-CPU cannot access these registers.
All register accesses by the external CPU are 32 bits. During reads, a snap shot value is used for both the
lower and upper 16-bit accesses. This snap shot value is created during the first access to the register. It
expires after a short amount of time.
For the internal ARM, some registers have restricted accesses.
32-bit access only. These registers can only be accessed 32 bits at a time.
CycTmr
AsyTx*AckBuffer
Anc*Data
32-bit write access while the associated function is being used. 32-/16-/8-bit access during read
accesses and when the associated function is not being used.
Iso*TmStmp
Iso*CIP1
Iso*FltrCIP1
Iso*MskCIP1
PLL*Cfg2
PLL*Cfg3
PLL*Cfg4
PLL*Cfg5
Aud*NoData
16-bit write access while the associated function is being used. 32-/16-/8-bit access during all read
accesses and while the associated function is not being used
Timer0
Timer1
Timer2
BusRstDat (read only register)
Iso0BufStat
HSDI0Cfg
Iso*WtrMrk
Iso*Hdr
Iso*FltrIsoHdr
Iso*MskIsoHdr
Iso*DVTmgCtl
Iso*DVTmgCfg
Anc*Data
Anc*Def
Anc*Data1
Anc*Data2
Anc*NoData
AsyRx*WtrMrk
AsyTx*WtrMrk
AsyTx*StrmHdr


Numéro de pièce similaire - TSB43CA42

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB43CA42GGW TI1-TSB43CA42GGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42ZGW TI1-TSB43CA42ZGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
More results

Description similaire - TSB43CA42

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com