Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB43CA42 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TSB43CA42
Description  TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB43CA42 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TSB43CA42 Datasheet HTML 4Page - Texas Instruments TSB43CA42 Datasheet HTML 5Page - Texas Instruments TSB43CA42 Datasheet HTML 6Page - Texas Instruments TSB43CA42 Datasheet HTML 7Page - Texas Instruments TSB43CA42 Datasheet HTML 8Page - Texas Instruments TSB43CA42 Datasheet HTML 9Page - Texas Instruments TSB43CA42 Datasheet HTML 10Page - Texas Instruments TSB43CA42 Datasheet HTML 11Page - Texas Instruments TSB43CA42 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
TSB43Cx43A/
TI iceLynx-Micro™ IEEE 1394a-2000
TSB43CA42
Consumer Electronics Solution
TEXAS INSTRUMENTS
SLLS546F – March 2004 – Revised September 2004
PRODUCTION DATA information is current as of public
date. Products conform to specifications per the terms of
Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
TEXAS
INSTRUMENTS
Copyright
 2004, Texas Instruments Incorporated
MARCH 12, 2004
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
8
1
Hardware IC Characteristics
iceLynx-Micro Overview
The iceLynx-Micro (consumer electronics link with integrated microcontroller and physical layer (PHY)) is
a high performance 1394 link-layer device designed as a total solution for digitally interfacing advanced
audio/video
consumer
electronics
applications.
The
device
is
offered
in
both
a
DTCP
encryption/decryption version (TSB43CA43A and TSB43CA42) and a non-DTCP encryption/decryption
version (TSB43CB43).
In addition to supporting transmit and receive of MPEG2 and DSS formatted transport streams with
encryption and decryption, the iceLynx-Micro supports the IEC 61883-6 and audio music protocol
standards for audio format and packetizing and asynchronous and asynchronous stream (as defined by
1394).
The device also features an embedded ARM7TDMI microprocessor core with access to 256K bytes of
internal program memory. The ARM7 is embedded to process 1394 specific transactions, thus
significantly reducing the processing power required by the host CPU and the development time required
by the user. The ARM7 is accessed from the 16/1-bit host CPU interface, from a UART communication
port, or from a JTAG debug port.
The iceLynx-Micro integrated 3-port PHY allows the user enhanced flexibility as two additional devices
can be utilized in a system application. The PHY’s speeds are capable of running at 100 Mbps,
200 Mbps, or 400 Mbps. The PHY follows all requirements as stated in the IEEE 1394-1995 and IEEE
1394a-2000 standards.
The TSB43CA43A and TSB43CA42 version of iceLynx-Micro incorporates two M6 baseline ciphers (one
per HSDI port) per the 5C specification to support transmit and receive of MPEG2 formatted transport
streams with encryption and decryption. The TSB43CB43 version of iceLynx-Micro is identical to the
TSB43CA43A without implementation of the encryption/decryption features. The TSB43CB43 device
allows customers that do not require the encryption/decryption features to incorporate iceLynx-Micro
without becoming DTLA licensees. Both devices support the IEC 61883-6 and audio music protocol
standards for audio format and packetizing.
1.1
Feature List
1.1.1
1394 Features
Integrated 400 Mbps 3-port PHY
Compliant with IEEE 1394-1995 and IEEE 1394a-2000 standards
Supports bus manager functions and automatic 1394 self-ID verification.
Separate Async Ack FIFO decreases the ack-tracking burden on in-CPU and ex-CPU
1.1.2
DTLA Encryption Support for MPEG2-DVB, DSS, DV, and Audio (TSB43CA43A and
TSB43CA42 Only)
Two M6 baseline ciphers (one per HSDI port)
Content key generation from exchange key
AKE acceleration features in hardware
Random Number Generator
Secure Hash Algorithm, Revision 1 (SHA-1)
Other AKE acceleration features
Elliptical curve digital signature algorithm (EC-DCA) both signature and verification
Elliptical curve Diffie-Hellman (EC-DH), first phase value and shared secret calculation
160-bit math functions


Numéro de pièce similaire - TSB43CA42

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB43CA42GGW TI1-TSB43CA42GGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42ZGW TI1-TSB43CA42ZGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
More results

Description similaire - TSB43CA42

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com