Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB43CA42 Fiches technique(PDF) 51 Page - Texas Instruments

No de pièce TSB43CA42
Description  TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB43CA42 Fiches technique(HTML) 51 Page - Texas Instruments

Back Button TSB43CA42 Datasheet HTML 47Page - Texas Instruments TSB43CA42 Datasheet HTML 48Page - Texas Instruments TSB43CA42 Datasheet HTML 49Page - Texas Instruments TSB43CA42 Datasheet HTML 50Page - Texas Instruments TSB43CA42 Datasheet HTML 51Page - Texas Instruments TSB43CA42 Datasheet HTML 52Page - Texas Instruments TSB43CA42 Datasheet HTML 53Page - Texas Instruments TSB43CA42 Datasheet HTML 54Page - Texas Instruments TSB43CA42 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
TSB43Cx43A/
TI iceLynx-Micro™ IEEE 1394a-2000
TSB43CA42
Consumer Electronics Solution
TEXAS INSTRUMENTS
SLLS546F – March 2004 – Revised September 2004
PRODUCTION DATA information is current as of public
date. Products conform to specifications per the terms of
Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
TEXAS
INSTRUMENTS
Copyright
 2004, Texas Instruments Incorporated
MARCH 12, 2004
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
51
Figure 19. Memory Write
0x0 - 0x3
§
§
ADDR N
ADDR M
ADDR M+1
ADDR P
DATA n
DATA m
DATA m+1
DATA p
Th3
Tsu3
Th3
Tsu3
Th3
Tsu3
Th1
Tsu1
Th1
Tsu1
Th1
Tsu1
Th2
Tw2
Tsu2
Tw2
Th2
Tsu2
Th4
Tsu4
Th5
Tw1
Tsu5
Tw1
Th5
Tsu5
Th6
Tsu6
Th7
Tsu7
Tc
Tc
Tc
Tc
Tc
Tc
NOTES: A. The timing diagram assumes MCIF signals used their default polarities.
B. The MCIF_STRBz and MCIF_R_nWz inputs are "Don't Care". The MCIF_ACKz and
MCIF_WAITz outputs are not used in the MCIF Memory Access mode.
C. Single 16-bit write accesses are allowed and will not result in an error or an interrupt.
D. MCIF Memory Mode write access latency is zero clock cycles.
† MCIF_MODE may be changed during device operation but is not recommended. MCIF_MODE
should not change during an MCIF Memory Access cycle. Memory accesses may only occur if
MCIF_MODE is valid (0x0 through 0x3).
‡ MCIF_ENDIAN may change during device operation. It should not change during an access or data
corruption may result.
§ For a write access to occur, both MCIF_CS_MEMz and WRn (MCIF_WEz) must be asserted. The
MCIF_CS_MEMz and WRn (MCIF_WEz) are not required to deassert between accesses.
¶ Memory accesses are not required to be quadlet aligned. The MCIF_ADDR[1] bit is used along with
the MCIF_ENDIAN to determine which 16-bit word is written. Addressing should be considered as byte
addressing ( ADDR[10:0] ) with MCIF_ADDR[0] internally grounded.
I
MCIF_MODE
I
MCIF_BUSCLK
I
MCIF_ENDIAN
I
MCIF_CS_IOz
I
MCIF_CS_MEMz
I
RDn (MCIF_OEz)
I WRn (MCIF_WEz)
I MCIF_ADDR[10:1]
IO MCIF_DATA[15:0]


Numéro de pièce similaire - TSB43CA42

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB43CA42GGW TI1-TSB43CA42GGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42ZGW TI1-TSB43CA42ZGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
More results

Description similaire - TSB43CA42

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com