Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP05DA48D12W Fiches technique(PDF) 4 Page - Toppower Electronic Technology Limited

No de pièce TP05DA48D12W
Description  5W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05DA48D12W Fiches technique(HTML) 4 Page - Toppower Electronic Technology Limited

  TP05DA48D12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05DA48D12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05DA48D12W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05DA48D12W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP05DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 of 4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT:
Dual Output
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+vin
-vin
Cin
+
+V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.


Numéro de pièce similaire - TP05DA48D12W

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP05DA48D12W TOPPOWER-TP05DA48D12W Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
TP05DA48D12W TOPPOWER-TP05DA48D12W Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DA48D12W TOPPOWER-TP05DA48D12W Datasheet
742Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA48D12W TOPPOWER-TP05DA48D12W Datasheet
713Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Description similaire - TP05DA48D12W

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP05DB TOPPOWER-TP05DB_V01 Datasheet
725Kb / 4P
   5W 1.5KVDC Isolated Wide Voltage Input DC/DC Converters
TP05DA TOPPOWER-TP05DA_19 Datasheet
742Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA_V01 Datasheet
713Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
List of Unclassifed Man...
A05D12 ETC1-A05D12 Datasheet
37Kb / 2P
   INPUT 5W DC/DC CONVERTERS
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP05AL TOPPOWER-TP05AL Datasheet
214Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_19 Datasheet
1Mb / 3P
   5W 4KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com