Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP03DA48S12W Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited

No de pièce TP03DA48S12W
Description  3W Wide Range Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03DA48S12W Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03DA48S12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03DA48S12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03DA48S12W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP03DA48S12W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP03DA Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 3 of 4
Units: mm
Tolerance: ±0.2mm
MECHANICAL DIMENSIONS
PIN CONNECTION
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
/
(9)
/
Com
10
NC
NC
11
NC
/
(11)
/
-Vout
14
+Vout
+Vout
15
NC
NC
16
-Vout
/
(16)
/
Com
22
+Vin
+Vin
23
+Vin
+Vin
MODEL SELECTION
RECOMMEND CIRCUIT:
Single Output
+vin
-vin
Cin
+
+V0
Cout
+
-V0
DC-DC
TP 03
D
A 24 S 05 W
W:4:1 Wide voltage input range
Output voltage
S:single output
D:Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
2
3
9
(9)
10 11
(11)
23 22
16 15 14
(16)
31.75
20.32 15.24
2.54
2.54
11.20
≥4.00
1.00
5.08
4.57
17.78
0.50
bottom view


Numéro de pièce similaire - TP03DA48S12W

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP03DA48S12W TOPPOWER-TP03DA48S12W Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA48S12W TOPPOWER-TP03DA48S12W Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP03DA48S12W TOPPOWER-TP03DA48S12W Datasheet
736Kb / 4P
   3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
More results

Description similaire - TP03DA48S12W

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
   3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA_V01 Datasheet
736Kb / 4P
   3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com