Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL1209S Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited

No de pièce TPL1209S
Description  2W Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPL1209S Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited

  TPL1209S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPL1209S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPL1209S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPL Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales@gztoppower.com
Page 3 of 3
All dimensions in mm ±0.25mm. All pins on a 2.54mm
pitch and within ±0.25mm of true position.
Weight: 2.0g
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300
℃for 10 seconds. The series is backward compatible with Sn/Pb
soldering systems
PIN CONNECTIONS-4PIN SIP
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
9.30
5.00
Unless otherwise stated all dimensions in mm±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity : 35
Unless otherwise stated all dimensionsmm ±0.5mm.
2.54
1.15
1.00 4
4HOLES
2.54
YYWW
TPL0505S
14.00
1
2
3
4
7.50
10.00
0.50
0.45
4.60
3.60
7.62
0.30
0.20
1.25
3.38
0.50
0.45
bottom view
TOPPOWER


Numéro de pièce similaire - TPL1209S

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPL1209S TOPPOWER-TPL1209S Datasheet
614Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL1209S TOPPOWER-TPL1209S Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL1209S TOPPOWER-TPL1209S Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL1209S TOPPOWER-TPL1209S Datasheet
695Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL1209S TOPPOWER-TPL1209S Datasheet
195Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Description similaire - TPL1209S

FabricantNo de pièceFiches techniqueDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com