Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM-BGA-9009 Fiches technique(PDF) 4 Page - Ironwood Electronics.

No de pièce SM-BGA-9009
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9009 Fiches technique(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9009 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9009 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9009 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9009 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9009 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
50.225
2.50
2.50
1.70±0.10 (x8)
1.27
10.00
22.94 (x4)
45.225±0.050
1.59
10
3
8
1
7
6
2
4
15
9
16
11
18
12
7
5
2
13
14
17
Insulation Plate Specification
ITEM
NO.
DESCRIPTION
Material
1
Clam Shell
7075-T6 Aluminum Alloy
2
Latch
7075-T6 Aluminum Alloy
3
Compression Screw
7075-T6 Aluminum Alloy
4
Compression Plate
7075-T6 Aluminum Alloy
5
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
6
Precision Compression Spring, Zinc-Plated Music Wire,
1/2" Length, .12" OD, .016" Wire
Zinc Plated Music Wire
7
Hinge Pin and Snap Ring, 3mm OD, 30mm long, 1045
Stl, Blk Oxide
AISI 1045 Steel, cold drawn
8
Spring Clamshell lid assembly
Steel Music Wire
9
test chip
FR4 High temp
10
Test PCB
FR4 Standard
11
SM socket ball guide 40mm 39x39 1mm BGA680
Kapton Polyimide/Cirlex
12
Silmat for 40mm, 39x39 1mm pitch BGA680
Silmat
13
Backing Plate
7075-T6 Aluminum Alloy
14
Insulation Plate, 50.225 X 50.225
FR4
15
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
16
Socket Base 40mm IC Clamshell Double latch
7075-T6 Aluminum Alloy
17
IC guide for 40mm device
Torlon 4203
18
#0-80 X .625 LG, SOC HD CAP SCREW, ALLOY STL,
BLK OXIDE
Alloy Steel
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, Insulation Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 4/9/12
Material: N/A
Finish: N/A
Weight: 245.83
SM-BGA-9009 Drawing
SCALE: 1:1
SHEET: 4 OF 5
ENG: E. Smolentseva
FILE: SM-BGA-9009 Dwg
DRAWN BY: E. Smolentseva


Numéro de pièce similaire - SM-BGA-9009

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SM-BGA-9000 IRONWOOD-SM-BGA-9000 Datasheet
97Kb / 4P
   Compression plate distributes forces evenly
SM-BGA-9006 IRONWOOD-SM-BGA-9006 Datasheet
75Kb / 3P
   Ball guide prevents over compression of elastomer
SM-BGA-9007 IRONWOOD-SM-BGA-9007 Datasheet
342Kb / 4P
   Easily removalbe swivel socket lid
More results

Description similaire - SM-BGA-9009

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com