Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK17TA8-W25 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce STK17TA8-W25
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-W25 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-W25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK17TA8-W25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-W25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-W25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-W25 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK17TA8-W25 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK17TA8-W25 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK17TA8-W25 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK17TA8-W25 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
STK17TA8
February 2004
9
Document Control # ML0023 rev 0.3
HARDWARE STORE CYCLEt (VCC = 3.0V +20%, -10%)e
Note t:
tRECOVER is only applicable after tSTORE is complete.
HARDWARE STORE CYCLE
NO.
SYMBOLS
PARAMETER
STK17TA8
UNITS NOTES
Standard
Alternate
MIN
MAX
30
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
i
31
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
µsi
32
tRECOVER
tHHQX
Hardware STORE High to Inhibit Off
100
ns
t
33
tHLHX
Hardware STORE Pulse Width
15
ns
34
tHLBL
Hardware STORE Low to STORE Busy
300
ns
DATA VALID
HSB (IN)
DATA VALID
33
tHLHX
31
tDELAY
30
tSTORE
32
tRECOVER
HIGH IMPEDANCE
34
tHLBL
HIGH IMPEDANCE
DQ (DATA OUT)
HSB (OUT)


Numéro de pièce similaire - STK17TA8-W25

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25 CYPRESS-STK17TA8-RF25 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Description similaire - STK17TA8-W25

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com