Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM-BGA-9036 Fiches technique(PDF) 1 Page - Ironwood Electronics.

No de pièce SM-BGA-9036
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9036 Fiches technique(HTML) 1 Page - Ironwood Electronics.

  SM-BGA-9036 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9036 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9036 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9036 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9036 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15.225
17.725
17.725
A
A
Recommended Torque
3.0 in lbs (48 in Oz)
8.93
2.00
3.15
B
SECTION A-A
DETAIL B
SCALE 16 : 1
TOP VIEW
Features
• Wide temperature range (-55C to +150C).
• Current capability is 4A per pin.
• Over 40GHz bandwidth @-1dB for edge pins.
• Low and stable contact resistance for reliable production yield.
• Highly compliant to accommodate wide co-planarity variations.
• Capacitance under 0.15pF
Silver Ball Matrix BGA Socket
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SM-BGA 8.5x8.5mm 0.4mm pitch 19x18 array
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 8-14-13
Material: Material <not specified>
Finish:
Weight: 6.56
SM-BGA-9036 Drawing
SCALE: 3.5:1
SHEET: 1 OF 5
ENG: S. Faiz
FILE: SM-BGA-9036 Dwg
DRAWN BY: M. Raske


Numéro de pièce similaire - SM-BGA-9036

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SM-BGA-9030 IRONWOOD-SM-BGA-9030 Datasheet
379Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9033 IRONWOOD-SM-BGA-9033 Datasheet
521Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9035 IRONWOOD-SM-BGA-9035 Datasheet
407Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Description similaire - SM-BGA-9036

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com