Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPS-1100 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce LPS-1100
Description  Power Resistor for Mounting onto a Heatsink Thick Film Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPS-1100 Fiches technique(HTML) 4 Page - Vishay Siliconix

  LPS-1100 Datasheet HTML 1Page - Vishay Siliconix LPS-1100 Datasheet HTML 2Page - Vishay Siliconix LPS-1100 Datasheet HTML 3Page - Vishay Siliconix LPS-1100 Datasheet HTML 4Page - Vishay Siliconix LPS-1100 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LPS 1100
www.vishay.com
Vishay Sfernice
Revision: 24-Oct-13
4
Document Number: 50059
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
LPS
1100
1 k
Ω
± 1 %
xxx
BO15
e
MODEL
STYLE
RESISTANCE
VALUE
TOLERANCE
CUSTOM
DESIGN
PACKAGING
LEAD (Pb)-FREE
± 1 %
± 2 %
± 5 %
± 10 %
Optional on
request:
special TCR,
shape, etc.
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
DIELECTRIC
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
LPS 1100
L = Dielectric
strengh 7 kV
H = Dielectric
strengh 12 kV
D = Partial
discharge
≤ 100 pC/7 kV and
≤ 10 pC/5 kV
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R7 = 48.7
Ω
47R0 = 47
Ω
1001 = 1 k
Ω
4R70 = 4.7
Ω
R240 = 0.24
Ω
F = 1 %
G = 2 %
J = 5 %
K = 10 %
B = Box 15 pieces
N = Box 15 pieces
n/a
As applicable
ZAx
J
B
S
110
0
H
4
R
L
P
70


Numéro de pièce similaire - LPS-1100

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LPS-100 ETC2-LPS-100 Datasheet
419Kb / 2P
   100W Single Output without PFC Function
logo
Astrodyne Corporation
LPS-100 ASTRODYNE-LPS-100 Datasheet
419Kb / 2P
   100W Single Output without PFC Function
logo
Mean Well Enterprises C...
LPS-100 MEANWELL-LPS-100 Datasheet
343Kb / 2P
   100W Single Output without PFC Function
LPS-100 MEANWELL-LPS-100 Datasheet
345Kb / 2P
   100W Single Output without PFC Function
logo
List of Unclassifed Man...
LPS-100-12 ETC2-LPS-100-12 Datasheet
419Kb / 2P
   100W Single Output without PFC Function
More results

Description similaire - LPS-1100

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
RPS500 VISHAY-RPS500_15 Datasheet
91Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com