Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB85RC04VPNF-G Fiches technique(PDF) 4 Page - Fujitsu Component Limited.

No de pièce MB85RC04VPNF-G
Description  4 K (512 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC04VPNF-G Fiches technique(HTML) 4 Page - Fujitsu Component Limited.

  MB85RC04VPNF-G Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
MB85RC04V
4
DS501-00016-2v0-E
■ I2C COMMUNICATION PROTOCOL
The I2C bus is a two wire serial interface that uses a bidirectional data bus (SDA) and serial clock (SCL). A
data transfer can only be initiated by the master, which will also provide the serial clock for synchronization.
The SDA signal should change while SCL is the “L” level. However, as an exception, when starting and
stopping communication sequence, SDA is allowed to change while SCL is the “H” level.
• Start Condition
To start read or write operations by the I2C bus, change the SDA input from the “H” level to the “L” level while
the SCL input is in the “H” level.
• Stop Condition
To stop the I2C bus communication, change the SDA input from the “L” level to the “H” level while the SCL
input is in the “H” level. In the reading operation, inputting the stop condition finishes reading and enters the
standby state. In the writing operation, inputting the stop condition finishes inputting the rewrite data and
enters the standby state.
• Start Condition, Stop Condition
Note : At the write operation, the FRAM device does not need the programming wait time (tWC) after issuing the
Stop Condition.
SCL
SDA
Start
Stop
H or L


Numéro de pièce similaire - MB85RC04VPNF-G

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results

Description similaire - MB85RC04VPNF-G

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
   4 M (512 K 횞 8) Bit Quad SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
logo
Cypress Semiconductor
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com