Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS7066SN3 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDS7066SN3
Description  30V N-Channel PowerTrench SyncFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7066SN3 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDS7066SN3 Datasheet HTML 1Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 2Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 3Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 4Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 5Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 6Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDS7066SN3 Rev C2 (W)
Typical Characteristics
0
10
20
30
40
50
60
0
0.25
0.5
0.75
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 10V
2.0V
2.5V
4.5V
3.0V
0.8
1
1.2
1.4
1.6
1.8
2
0
1020304050
60
ID, DIRAIN CURRENT (A)
VGS = 2.5V
10V
3.0V
4.0V
4.5V
6.0V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.9
1.1
1.3
1.5
-50
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (
oC)
ID = 19A
VGS = 10V
0.004
0.008
0.012
0.016
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 9.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation
withTemperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
60
1.5
2
2.5
3
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 5.0V
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Numéro de pièce similaire - FDS7066SN3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS7066SN3 FAIRCHILD-FDS7066SN3 Datasheet
188Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results

Description similaire - FDS7066SN3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com