Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS3140-INE3 Fiches technique(PDF) 9 Page - Semtech Corporation

No de pièce GS3140-INE3
Description  Multi-Rate Adaptive 3G SDI Equalizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3140-INE3 Fiches technique(HTML) 9 Page - Semtech Corporation

Back Button GS3140-INE3 Datasheet HTML 5Page - Semtech Corporation GS3140-INE3 Datasheet HTML 6Page - Semtech Corporation GS3140-INE3 Datasheet HTML 7Page - Semtech Corporation GS3140-INE3 Datasheet HTML 8Page - Semtech Corporation GS3140-INE3 Datasheet HTML 9Page - Semtech Corporation GS3140-INE3 Datasheet HTML 10Page - Semtech Corporation GS3140-INE3 Datasheet HTML 11Page - Semtech Corporation GS3140-INE3 Datasheet HTML 12Page - Semtech Corporation GS3140-INE3 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
GS3140
Final Data Sheet
Rev.1
PDS-060939
May 2015
9 of 40
Semtech
Proprietary & Confidential
www.semtech.com
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics
VCC_A,VCC_D, VCC_O = +1.8V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial Input Data Rate
DRDDO
1
2970
Mb/s
Input Voltage Swing
ΔVSDI
Differential,
1.485Gb/s
720
800
960
mVppd
Differential,
125Mb/s, 270Mb/s, and
2.97Gb/s
720
800
880
mVppd
Input Sensitivity
16 increments of
approximately 50mVppd
250
1000
mVppd
1
Output Voltage Swing
ΔVDDO
OUTPUT_SWING = 0100b
345
410
475
mVppd
2
OUTPUT_SWING = 1100b
665
800
935
mVppd
2
Output Jitter at Various Cable
Lengths and Data Rates
Jpp
2.97Gb/s
Belden 1694A: 0-120m,
-20°C to +70°C
0.2
0.25
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 120-180m,
-20°C to +70°C
—0.4
0.5
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 180-200m,
-20°C to +70°C
—0.4
UI
3, 4, 5
1.485Gb/s
Belden 1694A: 0-180m
0.15
0.25
UI
1.485Gb/s
Belden 1694A: 180-240m
—0.3
0.4
UI
1.485Gb/s
Belden 1694A: 240-280m
0.35
0.45
UI
270Mb/s
Belden 1694A: 0-300m
—0.1
0.2
UI
270Mb/s
Belden 1694A: 300-350m
0.2
0.3
270Mb/s
Belden 1694A: 350-450m
—0.3
0.4
UI
270Mb/s
Belden 1694A: 450-500m
—0.3
UI
125Mb/s
Belden 1694A: 0-200m
——
0.1
UI
Output Rise/Fall time
2.97Gb/s and 1.485Gb/s
20% - 80%
—45
90
ps
270Mb/s
20% - 80%
—50
200
ps
Mismatch in rise/fall time
2.97Gb/s and 1.485Gb/s
30
ps
270Mb/s
50
ps


Numéro de pièce similaire - GS3140-INE3

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS3140 GENNUM-GS3140 Datasheet
1Mb / 40P
   Digital cable length indication
More results

Description similaire - GS3140-INE3

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com